Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8476BRMZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8476BRMZ-R7
Description  Low Power, Unity Gain, Fully Differential Amplifier and ADC Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8476BRMZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8476BRMZ-R7 Datasheet HTML 10Page - Analog Devices AD8476BRMZ-R7 Datasheet HTML 11Page - Analog Devices AD8476BRMZ-R7 Datasheet HTML 12Page - Analog Devices AD8476BRMZ-R7 Datasheet HTML 13Page - Analog Devices AD8476BRMZ-R7 Datasheet HTML 14Page - Analog Devices AD8476BRMZ-R7 Datasheet HTML 15Page - Analog Devices AD8476BRMZ-R7 Datasheet HTML 16Page - Analog Devices AD8476BRMZ-R7 Datasheet HTML 17Page - Analog Devices AD8476BRMZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Data Sheet
AD8476
Rev. B | Page 13 of 24
3.0
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
0
100
90
80
70
60
50
40
30
20
10
TIME (Seconds)
Figure 35. 0.1 Hz to 10 Hz Voltage Noise
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
100
1k
10k
100k
1M
FREQUENCY (Hz)
HD2, RL = NO LOAD
HD3, RL = NO LOAD
HD2, RL = 2kΩ LOAD
HD3, RL = 2kΩ LOAD
Figure 36. Harmonic Distortion vs. Frequency at Various Loads
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
100
1k
10k
100k
1M
FREQUENCY (Hz)
HD2 (VS = ±5V, RL = 2kΩ)
HD3 (VS = ±5V, RL = 2kΩ)
HD2 (VS = +5V, RL = 2kΩ)
HD3 (VS = +5V, RL = 2kΩ)
Figure 37. Harmonic Distortion vs. Frequency at Various Supplies
140
130
120
110
100
90
80
70
60
50
40
30
20
1
10
100
1k
10k
100k
FREQUENCY (Hz)
Figure 38. Voltage Noise Density vs. Frequency
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
100
1k
10k
100k
1M
FREQUENCY (Hz)
HD2 (VOUT = 4V p-p)
HD3 (VOUT = 4V p-p)
HD2 (VOUT = 2V p-p)
HD3 (VOUT = 2V p-p)
Figure 39. Harmonic Distortion vs. Frequency at Various VOUT,dm
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
0
1
2
3
4
5
6
7
8
9
10
VOUT (V p-p)
HD2, VS = 5V
HD3, VS = 5V
Figure 40. Harmonic Distortion vs. VOUT,dm, f = 10 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com