Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8476BRMZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8476BRMZ-R7
Description  Low Power, Unity Gain, Fully Differential Amplifier and ADC Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8476BRMZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8476BRMZ-R7 Datasheet HTML 11Page - Analog Devices AD8476BRMZ-R7 Datasheet HTML 12Page - Analog Devices AD8476BRMZ-R7 Datasheet HTML 13Page - Analog Devices AD8476BRMZ-R7 Datasheet HTML 14Page - Analog Devices AD8476BRMZ-R7 Datasheet HTML 15Page - Analog Devices AD8476BRMZ-R7 Datasheet HTML 16Page - Analog Devices AD8476BRMZ-R7 Datasheet HTML 17Page - Analog Devices AD8476BRMZ-R7 Datasheet HTML 18Page - Analog Devices AD8476BRMZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
AD8476
Data Sheet
Rev. B | Page 14 of 24
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
100
1k
10k
100k
1M
FREQUENCY (Hz)
HD2 (SINGLE-ENDED INPUT)
HD3 (SINGLE-ENDED INPUT)
HD2 (DIFFERENTIAL INPUT)
HD3 (DIFFERENTIAL INPUT)
Figure 41. Harmonic Distortion vs. Input Drive
–80
–120
–115
–110
–105
–100
–95
–90
–85
10
1k
100
10k
100k
FREQUENCY (Hz)
VOUT = 2V p-p
VOUT = 4V p-p
VOUT = 8V p-p
Figure 42. Total Harmonic Distortion + Noise vs. Frequency
1µs/DIV
1V/DIV
200µV/DIV
0.01%/DIV
Figure 43. Settling Time to 0.01% of 2 V Step
40
–40
–35
–30
–25
–20
–15
–10
–5
0
5
10
15
20
25
30
35
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
OUTPUT VOLTAGE (V)
VS = ±5V
Figure 44. Gain Nonlinearity
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
100
1k
10k
100k
1M
FREQUENCY (Hz)
VS = 5V, RL = 2kΩ
VS = 5V, RL = NO LOAD
Figure 45. Spurious-Free Dynamic Range vs. Frequency at Various Loads
2µs/DIV
1V/DIV
20µV/DIV
0.001%/DIV
Figure 46. Settling Time to 0.001% of 2 V Step



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com