Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4930-2YCPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADA4930-2YCPZ-R7
Description  Ultralow Noise Drivers for Low Voltage ADCs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4930-2YCPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADA4930-2YCPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4930-2YCPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4930-2YCPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4930-2YCPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4930-2YCPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4930-2YCPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4930-2YCPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4930-2YCPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4930-2YCPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
ADA4930-1/ADA4930-2
Data Sheet
Rev. B | Page 8 of 25
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
NOTES
1. EXPOSED PADDLE. THE EXPOSED PAD IS NOT
ELECTRICALLY CONNECTED TO THE DEVICE. IT IS
TYPICALLY SOLDERED TO GROUND OR A POWER
PLANE ON THE PCB THAT IS THERMALLY CONDUCTIVE.
1
–FB
2
+IN
3
–IN
4
+FB
11 –OUT
12 PD
10 +OUT
9VOCM
ADA4930-1
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
Figure 5. ADA4930-1 Pin Configuration
PIN 1
INDICATOR
1
2
3
4
5
6
15
16
17
18
14
13
TOP VIEW
(Not to Scale)
ADA4930-2
–IN1
+FB1
+VS1
+VS1
–FB2
+IN2
–VS2
–VS2
VOCM1
+OUT1
PD2
–OUT2
NOTES
1. EXPOSED PADDLE. THE EXPOSED PAD IS NOT
ELECTRICALLY CONNECTED TO THE DEVICE. IT IS
TYPICALLY SOLDERED TO GROUND OR A POWER
PLANE ON THE PCB THAT IS THERMALLY CONDUCTIVE.
Figure 6. ADA4930-2 Pin Configuration
Table 9. ADA4930-1 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
−FB
Negative Output for Feedback
Component Connection.
2
+IN
Positive Input Summing Node.
3
−IN
Negative Input Summing Node.
4
+FB
Positive Output for Feedback
Component Connection.
5 to 8
+VS
Positive Supply Voltage.
9
VOCM
Output Common-Mode Voltage.
10
+OUT
Positive Output for Load Connection.
11
−OUT
Negative Output for Load Connection.
12
PD
Power-Down Pin.
13 to 16
−VS
Negative Supply Voltage.
EPAD
Exposed Paddle. The exposed pad is not
electrically connected to the device. It is
typically soldered to ground or a power
plane on the PCB that is thermally
conductive.
Table 10. ADA4930-2 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
−IN1
Negative Input Summing Node 1.
2
+FB1
Positive Output Feedback Pin 1.
3, 4
+VS1
Positive Supply Voltage 1.
5
−FB2
Negative Output Feedback Pin 2.
6
+IN2
Positive Input Summing Node 2.
7
−IN2
Negative Input Summing Node 2.
8
+FB2
Positive Output Feedback Pin 2.
9, 10
+VS2
Positive Supply Voltage 2.
11
VOCM2
Output Common-Mode Voltage 2.
12
+OUT2
Positive Output 2.
13
−OUT2
Negative Output 2.
14
PD2
Power-Down Pin 2.
15, 16
−VS2
Negative Supply Voltage 2.
17
VOCM1
Output Common-Mode Voltage 1.
18
+OUT1
Positive Output 1.
19
−OUT1
Negative Output 1.
20
PD1
Power-Down Pin 1.
21, 22
−VS1
Negative Supply Voltage 1.
23
−FB1
Negative Output Feedback Pin 1.
24
+IN1
Positive Input Summing Node 1.
EPAD
Exposed Paddle. The exposed pad is
not electrically connected to the
device. It is typically soldered to
ground or a power plane on the PCB
that is thermally conductive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com