Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4930-2YCPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADA4930-2YCPZ-R7
Description  Ultralow Noise Drivers for Low Voltage ADCs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4930-2YCPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADA4930-2YCPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4930-2YCPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4930-2YCPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4930-2YCPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4930-2YCPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4930-2YCPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4930-2YCPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4930-2YCPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4930-2YCPZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Data Sheet
ADA4930-1/ADA4930-2
Rev. B | Page 13 of 25
–300
–240
–180
–120
–60
0
60
–270
–210
–150
–90
30
30
–40
–20
0
20
40
60
80
–30
–10
10
30
50
70
10k
100k
1M
10M
100M
1G
10G
FREQUENCY (MHz)
GAIN
PHASE
Figure 31. Open Loop Gain and Phase
0.10
0.05
0
–0.05
–0.10
02
46
10
TIME (ns)
8
Figure 32. Small Signal Pulse Response
0
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
24
6
10
TIME (ns)
8
VO = 2V p-p
VO = 1V p-p
Figure 33. Large Signal Pulse Response
0
1
10
100
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
Figure 34. Voltage Noise Spectral Density
0.80
0.82
0.84
0.86
0.88
0.90
0.92
0.94
0.96
0.98
1.00
0246
8
10
12
14
16
18
20
TIME (ns)
Figure 35. Small Signal VOCM Pulse Response
0
0.5
1.0
1.5
2.0
2.5
3.0
0246
8
10
12
14
16
18
20
TIME (ns)
Figure 36. Large Signal VOCM Pulse Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com