Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4930-2YCPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADA4930-2YCPZ-R7
Description  Ultralow Noise Drivers for Low Voltage ADCs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4930-2YCPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADA4930-2YCPZ-R7 Datasheet HTML 17Page - Analog Devices ADA4930-2YCPZ-R7 Datasheet HTML 18Page - Analog Devices ADA4930-2YCPZ-R7 Datasheet HTML 19Page - Analog Devices ADA4930-2YCPZ-R7 Datasheet HTML 20Page - Analog Devices ADA4930-2YCPZ-R7 Datasheet HTML 21Page - Analog Devices ADA4930-2YCPZ-R7 Datasheet HTML 22Page - Analog Devices ADA4930-2YCPZ-R7 Datasheet HTML 23Page - Analog Devices ADA4930-2YCPZ-R7 Datasheet HTML 24Page - Analog Devices ADA4930-2YCPZ-R7 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
ADA4930-1/ADA4930-2
Data Sheet
Rev. B | Page 22 of 25
Input Common-Mode Adjustment with Resistors
The circuit shown in Figure 54 shows an alternate method to
bias the amplifier inputs, eliminating the dc source.
ADA4930
RL VOUT, dm
+VS
–VS
3.3V
3.3V
RS
50Ω
RG1
301Ω
RG2
301Ω
RF2
301Ω
RF1
301Ω
RCM
VOCM
RCM
VS
VS
VSOURCE
2V p-p
RT
VIN
Figure 54. Single-Supply Biasing Scheme with Resistors
Define β1 = RP/RF1 and β2 = RN/RF2, where RP = RG1||RCM||RF1
and RN = RG2||RCM||RF2.
Set RF1 = RF2 = RF to maintain a balanced system, as shown.
Write a nodal equation at VP and solve for VP.


CM
F
S
OCM
IN
G
F
P
R
R
V
V
V
R
R
β2
β1
β1β2
V
2
2
1
Determine VP min. This is the minimum input common-mode
voltage from the Specifications section. For a 3.3 V supply,
VP min = 0.3 V.
Determine the minimum input voltage, VIN min at the output of
the source. Recognize that once properly terminated, the source
voltage is ½ of its open circuit value. Therefore, VIN min = −0.5 V.
Rearrange the VP equation for RCM


OCM
min
IN
G
F
P
F
S
CM
V
V
R
R
V
β1β2
β2
β1
R
V
R
2
2
1
1
1
min
Calculate the following:
1.
β1 and β2. For the circuit shown in Figure 54, β1 = 0.5 and
β2 = 0.5.
2.
RCM for VP min = 0.3 V and VIN min = −0.5 V. RCM = 9933 Ω.
3.
The new values for β1 and β2. β1 = 0.4925 and β2 = 0.4925.
4.
The input impedance using the following:
β1β2
R
R
β2
β1
β2
β1
R
V
V
R
R
G1
F1
G1
INP
P
G1
SE
IN
1
1
RIN-SE = 399.35 Ω.
5.
RT, RTH, and VTH. RT = 57.16 Ω, RTH = 26.67 Ω, and
VTH = 1.067 V.
6.
The new values for RG1 and RG2. RG2 = 160.55 Ω and
RG1 = 133.88 Ω.
7.
The new values for β1 and β2. β1 = 0.284 and β2 = 0.317.
8.
The new value of RCM. RCM = 4759.63 Ω.
9.
Repeat Step 3 through Step 8 until the values of RG1 and RG2
remain constant between iterations. After four iterations,
the final circuit is shown in Figure 55.
ADA4930
RL VOUT, dm
+VS
–VS
RS
50Ω
RG1
142Ω
RG2
170Ω
RF2
301Ω
RF1
301Ω
RCM
1.87kΩ
RCM
1.87kΩ
VOCM
+VS
+VS
VS
2V p-p
RT
65.1Ω
Figure 55. Single-Supply, Single-Ended Input System with Bias Resistors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com