Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4937-2YCPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADA4937-2YCPZ-R7
Description  Ultralow Distortion Differential ADC Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4937-2YCPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADA4937-2YCPZ-R7 Datasheet HTML 1Page - Analog Devices ADA4937-2YCPZ-R7 Datasheet HTML 2Page - Analog Devices ADA4937-2YCPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4937-2YCPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4937-2YCPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4937-2YCPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4937-2YCPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4937-2YCPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4937-2YCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Data Sheet
ADA4937-1/ADA4937-2
Rev. F | Page 5 of 28
3.3 V OPERATION
TA = 25°C, +VS = 3.3 V, −VS = 0 V, VOCM = +VS/2, RT = 61.9 Ω, RG = RF = 200 Ω, G = 1, RL,dm = 1 kΩ, unless otherwise noted. All
specifications refer to single-ended input and differential outputs, unless otherwise noted.
±DIN to ±OUT Performance
Table 3.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Small Signal Bandwidth
VOUT, dm = 0.1 V p-p
1800
MHz
Bandwidth for 0.1 dB Flatness
VOUT, dm = 0.1 V p-p
200
MHz
Large Signal Bandwidth
VOUT, dm = 2 V p-p
1300
MHz
Slew Rate
VOUT, dm = 2 V p-p; 25% to 75%
4000
V/µs
Settling Time
VOUT, dm = 2 V p-p
7
ns
Overdrive Recovery Time
VIN = 0 V to 1.0 V step; G = 3.16
<1
ns
NOISE/HARMONIC PERFORMANCE
See Figure 51 for distortion test circuit
Second Harmonic
VOUT, dm = 2 V p-p; 10 MHz
−113
dBc
VOUT, dm = 2 V p-p; 70 MHz
−85
dBc
VOUT, dm = 2 V p-p; 100 MHz
−77
dBc
Third Harmonic
VOUT, dm = 2 V p-p; 10 MHz
−95
dBc
VOUT, dm = 2 V p-p; 70 MHz
−77
dBc
VOUT, dm = 2 V p-p; 100 MHz
−71
dBc
IMD
f1 = 70 MHz; f2 = 70.1 MHz; VOUT, dm = 2 V p-p
−87
dBc
Voltage Noise (RTI)
f = 100 kHz
2.2
nV/√Hz
Input Current Noise
f = 100 kHz
4
pA/√Hz
Noise Figure
G = 4; RT = 136 Ω; RF = 200 Ω; RG = 37 Ω; f = 100 MHz
15
dB
Crosstalk (ADA4937-2)
f = 100 MHz
−72
dB
INPUT CHARACTERISTICS
Offset Voltage
VOS, dm = VOUT, dm/2; VDIN+ = VDIN− = +VS/2
−2.5
±0.5
+2.5
mV
TMIN to TMAX variation
±1
µV/°C
Input Bias Current
−50
−30
−10
µA
TMIN to TMAX variation
0.01
µA/°C
Input Resistance
Differential
6
MΩ
Common mode
3
MΩ
Input Capacitance
1
pF
Input Common-Mode Voltage
0.3 to 1.2
V
CMRR
∆VOUT, dm/∆VIN, cm; ∆VIN, cm = ±1 V
−67
−80
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
Maximum ∆VOUT; single-ended output; RF = RG = 10 kΩ
0.8
2.5
V
Linear Output Current
Per amplifier; RL, dm = 20 Ω; f = 10 MHz
±47
mA
Output Balance Error
∆VOUT, cm/∆VOUT, dm; ∆VOUT, dm = 1 V; f = 10 MHz;
see Figure 50 for test circuit
−61
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com