Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4937-2YCPZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADA4937-2YCPZ-R7
Description  Ultralow Distortion Differential ADC Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4937-2YCPZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADA4937-2YCPZ-R7 Datasheet HTML 20Page - Analog Devices ADA4937-2YCPZ-R7 Datasheet HTML 21Page - Analog Devices ADA4937-2YCPZ-R7 Datasheet HTML 22Page - Analog Devices ADA4937-2YCPZ-R7 Datasheet HTML 23Page - Analog Devices ADA4937-2YCPZ-R7 Datasheet HTML 24Page - Analog Devices ADA4937-2YCPZ-R7 Datasheet HTML 25Page - Analog Devices ADA4937-2YCPZ-R7 Datasheet HTML 26Page - Analog Devices ADA4937-2YCPZ-R7 Datasheet HTML 27Page - Analog Devices ADA4937-2YCPZ-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
Data Sheet
ADA4937-1/ADA4937-2
Rev. F | Page 25 of 28
3.3 V OPERATION
The ADA4937-1/ADA4937-2 provide excellent performance in
3.3 V single-supply applications. Significant power savings can
be realized when the ADA4937-1/ADA4937-2 are used in
combination with a low voltage ADC.
The circuit in Figure 67 is an example of the ADA4937-1 driving
an AD9230, 12-bit, 250 MSPS ADC that is specified to operate with
a single 1.8 V supply. The performance of the ADC is optimized
when it is driven differentially, making the best use of the signal
swing available within the 1.8 V supply. The ADA4937-1/
ADA4937-2 perform the single-ended-to-differential conversion,
common-mode level-shifting, and buffering of the driving signal.
The ADA4937-1/ADA4937-2 are configured with a single 3.3 V
supply and a gain of 2 V/V for a single-ended input to differential
output. The 59 Ω termination resistor, in parallel with the single-
ended input impedance of 306 Ω, provides a 50 Ω termination for
the source. The additional 26 Ω (226 Ω total) at the inverting input
balances the parallel impedance of the 50 Ω source and the
termination resistor that drives the noninverting input. The signal
generator has a symmetric, ground-referenced bipolar output. The
VOCM pin is connected to the CML output of the AD9230, and sets
the output common mode of the ADA4937-1/ADA4937-2 at 1.4 V.
One third of the output common-mode voltage of the amplifier is
fed back to the summing nodes, biasing −IN and +IN at ~0.5 V.
For a common-mode voltage of 1.4 V, each ADA4937-1/
ADA4937-2 output swings between 1.09 V and 1.71 V,
providing a 1.25 V p-p differential output.
A third-order, 125 MHz, low-pass filter between the ADA4937-1/
ADA4937-2 and the AD9230 reduces the noise bandwidth of
the amplifier and isolates the driver outputs from the ADC inputs.
1.8V
DRVDD
AVDD
VIN–
VIN+
AD9230
AGND
CML
D11 TO
D0
30pF
10pF
56nH
56nH
33Ω
33Ω
50Ω
VIN
226Ω
200Ω
VOCM
3.3V
ADA4937-1
+
59Ω
453Ω
453Ω
Figure 67. Driving an AD9230, 12-Bit, 250 MSPS ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com