Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4937-2YCPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADA4937-2YCPZ-R7
Description  Ultralow Distortion Differential ADC Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4937-2YCPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADA4937-2YCPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4937-2YCPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4937-2YCPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4937-2YCPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4937-2YCPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4937-2YCPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4937-2YCPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4937-2YCPZ-R7 Datasheet HTML 17Page - Analog Devices ADA4937-2YCPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
ADA4937-1/ADA4937-2
Data Sheet
Rev. F | Page 14 of 28
60
0
5
10
15
20
25
30
35
40
45
50
55
1.0
2.0
1.9
1.8
1.7
1.6
1.5
1.3
1.4
1.2
1.1
POWER-DOWN VOLTAGE (V)
+105°C
+55°C
+25°C
0°C
–40°C
Figure 37. Supply Current vs. PD for Various Temperatures
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
TIME (1ns/DIV)
+VS = +2.5V
–VS = –2.5V
VOCM = 0V
Figure 38. Small Signal Pulse Response
2.40
2.42
2.44
2.46
2.48
2.50
2.52
2.54
2.56
2.58
2.60
TIME (2ns/DIV)
VS = +5V
G = 1
RL, dm = 1kΩ
Figure 39. Small Signal VOCM Pulse Response
60
0
5
10
15
20
25
30
35
40
45
50
55
1.0
2.0
1.9
1.8
1.7
1.6
1.5
1.3
1.4
1.2
1.1
POWER-DOWN VOLTAGE (V)
+105°C
+55°C
+25°C
0°C
–40°C
Figure 40. Supply Current vs. PD for Various Temperatures, VS = 3.3 V
–3.5
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VOUT, dm = 4V p-p
VOUT, dm = 2V p-p
TIME (1ns/DIV)
+VS = +2.5V
–VS = –2.5V
VOCM = 0V
Figure 41. Large Signal Pulse Response
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
3.00
3.25
3.50
3.75
4.00
TIME (2ns/DIV)
VS = +5V
G = 1
RL, dm = 1kΩ
Figure 42. Large Signal VOCM Pulse Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com