Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4938-1ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4938-1ACPZ-R7
Description  Ultralow Distortion Differential ADC Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4938-1ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADA4938-1ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADA4938-1ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADA4938-1ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4938-1ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4938-1ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4938-1ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4938-1ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4938-1ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4938-1ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Ultralow Distortion
Differential ADC Driver
Data Sheet
ADA4938-1/ADA4938-2
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2007–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Extremely low harmonic distortion (HD)
−106 dBc HD2 @ 10 MHz
−82 dBc HD2 @ 50 MHz
−109 dBc HD3 @ 10 MHz
−82 dBc HD3 @ 50 MHz
Low input voltage noise: 2.6 nV/√Hz
High speed
−3 dB bandwidth of 1000 MHz, G = +1
Slew rate: 4700 V/μs
0.1 dB gain flatness to 150 MHz
Fast overdrive recovery of 4 ns
1 mV typical offset voltage
Externally adjustable gain
Differential-to-differential or single-ended-to-differential
operation
Adjustable output common-mode voltage
Wide supply voltage range: +5 V to ±5 V
Single or dual amplifier configuration available
APPLICATIONS
ADC drivers
Single-ended-to-differential converters
IF and baseband gain blocks
Differential buffers
Line drivers
GENERAL DESCRIPTION
The ADA4938-1/ADA4938-2 are low noise, ultralow distortion,
high speed differential amplifiers. It is an ideal choice for
driving high performance ADCs with resolutions up to 16 bits
from dc to 27 MHz, or up to 12 bits from dc to 74 MHz. The
output common-mode voltage is adjustable over a wide range,
allowing the ADA4938-1/ADA4938-2 to match the input of the
ADC. The internal common-mode feedback loop also provides
exceptional output balance as well as suppression of even-order
harmonic distortion products.
Full differential and single-ended-to-differential gain configurations
are easily realized with the ADA4938-1/ADA4938-2. A simple
external feedback network of four resistors determines the
closed-loop gain of the amplifier.
The ADA4938-1/ADA4938-2 are fabricated using the Analog
Devices, Inc., proprietary third generation, high voltage XFCB
process, enabling it to achieve very low levels of distortion with
an input voltage noise of only 2.6 nV/√Hz. The low dc offset and
excellent dynamic performance of the ADA4938-1/ADA4938-2
FUNCTIONAL BLOCK DIAGRAMS
PD
12
11
10
1
3
49
2
ADA4938-1
TOP VIEW
–FB
+IN
–IN
+FB
–OUT
+OUT
VOCM
Figure 1. ADA4938-1 Functional Block Diagram
PD2
2
1
3
4
5
6
18
17
16
15
14
13
+IN2
–FB2
+VS1
+VS1
+FB1
–IN1
–OUT2
–VS2
–VS2
VOCM1
+OUT1
ADA4938-2
TOP VIEW
Figure 2. ADA4938-2 Functional Block Diagram
–50
–60
–70
–80
–90
–100
–110
–120
–130
1
10
100
FREQUENCY (MHz)
G = +2, VO, dm = 1V p-p
G = +2, VO, dm = 2V p-p
G = +2, VO, dm = 3.2V p-p
G = +2, VO, dm = 5V p-p
Figure 3. SFDR vs. Frequency and Output Voltage
makes them well-suited for a wide variety of data acquisition and
signal processing applications.
The ADA4938-1 (single amplifier) is available in a Pb-free,
3 mm × 3 mm, 16-lead LFCSP. The ADA4938-2 (dual
amplifier) is available in a Pb-free, 4 mm × 4 mm, 24-lead
LFCSP. The pinouts have been optimized to facilitate layout and
minimize distortion. The devices are specified to operate over
the extended industrial temperature range of −40°C to +85°C.


Similar Part No. - ADA4938-1ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4938-1ACPZ-R7 AD-ADA4938-1ACPZ-R7 Datasheet
298Kb / 14P
Ultra-Low Distortion Differential ADC Driver
05/07-Rev. PrC to Rev. PrD
ADA4938-1ACPZ-R7 AD-ADA4938-1ACPZ-R7 Datasheet
597Kb / 26P
Ultralow Distortion Differential ADC Driver
Rev. B
More results

Similar Description - ADA4938-1ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4937-1 AD-ADA4937-1_07 Datasheet
627Kb / 28P
Ultralow Distortion, Differential ADC Driver
5/07-Revision 0
ADA4939-1 AD-ADA4939-1 Datasheet
628Kb / 24P
Ultralow Distortion Differential ADC Driver
REV. 0
ADA4927-1 AD-ADA4927-1 Datasheet
834Kb / 24P
Ultralow Distortion Current Feedback Differential ADC Driver
REV. 0
ADA4937-1 AD-ADA4937-1_15 Datasheet
959Kb / 29P
Ultralow Distortion Differential ADC Driver
Rev. D
ADA4937-2 AD-ADA4937-2_15 Datasheet
959Kb / 29P
Ultralow Distortion Differential ADC Driver
Rev. D
ADA4938-1 AD-ADA4938-1_15 Datasheet
573Kb / 28P
Ultralow Distortion Differential ADC Driver
REV. A
ADA4938-2 AD-ADA4938-2_15 Datasheet
573Kb / 28P
Ultralow Distortion Differential ADC Driver
REV. A
ADA4927-1 AD-ADA4927-1_16 Datasheet
736Kb / 25P
Ultralow Distortion Current Feedback Differential ADC Driver
REV. B
ADA4937-1 AD-ADA4937-1_16 Datasheet
591Kb / 28P
Ultralow Distortion Differential ADC Driver
Rev. F
ADA4939-1 AD-ADA4939-1_16 Datasheet
590Kb / 24P
Ultralow Distortion, Differential ADC Driver
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com