Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4938-1ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADA4938-1ACPZ-R7
Description  Ultralow Distortion Differential ADC Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4938-1ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADA4938-1ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4938-1ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4938-1ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4938-1ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4938-1ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4938-1ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4938-1ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4938-1ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4938-1ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
ADA4938-1/ADA4938-2
Data Sheet
Rev. B | Page 12 of 26
1
10
100
–40
–120
–110
–100
–90
–80
–70
–60
–50
FREQUENCY (MHz)
HD2, VS = +5V
HD3, VS = +5V
HD2, VS = ±5V
HD3, VS = ±5V
Figure 25. Harmonic Distortion vs. Frequency and Supply Voltage
1
10
100
–40
–130
–120
–100
–110
–90
–80
–70
–60
–50
FREQUENCY (MHz)
HD2, G = +1
HD3, G = +1
HD2, G = +2
HD3, G = +2
HD2, G = +5
HD3, G = +5
Figure 26. Harmonic Distortion vs. Frequency and Gain
–3.3 –2.7 –2.1 –1.5 –0.9 –0.3 0.3
0.9
1.5
2.1
2.7
3.3
–40
–130
–120
–110
–100
–90
–80
–70
–60
–50
VOCM (V)
HD2, 10MHz
HD3, 10MHz
HD2, 70MHz
HD3, 70MHz
Figure 27. Harmonic Distortion vs. VOCM and Frequency
09
8
7
6
5
4
3
12
–40
–120
–110
–100
–90
–80
–70
–60
–50
VOUT, dm (V)
HD2, +5V
HD3, +5V
HD2, ±5V
HD3, ±5V
Figure 28. Harmonic Distortion vs. VOUT and Supply Voltage
1
10
100
–40
–120
–110
–100
–90
–80
–70
–60
–50
FREQUENCY (MHz)
HD2, RL = 1kΩ
HD3, RL = 1kΩ
HD2, RL = 200Ω
HD3, RL = 200Ω
HD2, RL = 100Ω
HD3, RL = 100Ω
Figure 29. Harmonic Distortion vs. Frequency for Various Loads
1.7
3.3
3.1
2.9
2.7
2.5
2.3
2.1
1.9
–40
–120
–110
–100
–90
–80
–70
–60
–50
VOCM (V)
HD2, 10MHz
HD3, 10MHz
HD2, 70MHz
HD3, 70MHz
Figure 30. Harmonic Distortion vs. VOCM and Frequency, VS = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com