Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4938-1ACPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADA4938-1ACPZ-R7
Description  Ultralow Distortion Differential ADC Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4938-1ACPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADA4938-1ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4938-1ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4938-1ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4938-1ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4938-1ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4938-1ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADA4938-1ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADA4938-1ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADA4938-1ACPZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
ADA4938-1/ADA4938-2
Data Sheet
Rev. B | Page 16 of 26
55
50
45
40
35
30
10
100
FREQUENCY (MHz)
IP3 100Ω
Figure 49. IP3 vs. Frequency
3
0
–3
–6
–9
–12
1
10
100
1000
FREQUENCY (MHz)
VOCM = –3.7V
ALL CURVES ARE
NORMALIZED TO VOCM = 0V
VOCM = –3.5V
VOCM = –3V
VOCM = 0V
VOCM = +3V
VOCM = +3.5V
VOCM = +3.7V
Figure 50. VOUT, dm Large Signal Frequency Response for Various VOCM
100
10
1
10
100
1k
10k
100M
100k
1M
10M
FREQUENCY (Hz)
Figure 51. Input Current Noise vs. Frequency
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
0.3
1
10
100
1000
FREQUENCY (MHz)
INPUT1, OUTPUT2
INPUT2, OUTPUT1
Figure 52. Crosstalk vs. Frequency for ADA4938-2
2
1
–2
1.0
–1.0
–0.5
VIN
0
0.5
0.1
–0.1
–1
0
TIME (1ns/DIV)
SETTLING ERROR
Figure 53. 0.1% Settling Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com