Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4939-2YCPZ-R2 Datasheet(PDF) 3 Page - Analog Devices

Part # ADA4939-2YCPZ-R2
Description  Ultralow Distortion, Differential ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4939-2YCPZ-R2 Datasheet(HTML) 3 Page - Analog Devices

  ADA4939-2YCPZ-R2 Datasheet HTML 1Page - Analog Devices ADA4939-2YCPZ-R2 Datasheet HTML 2Page - Analog Devices ADA4939-2YCPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4939-2YCPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4939-2YCPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4939-2YCPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4939-2YCPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4939-2YCPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4939-2YCPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
ADA4939-1/ADA4939-2
Rev. A | Page 3 of 24
SPECIFICATIONS
5 V OPERATION
TA = 25°C, +VS = 5 V, −VS = 0 V, VOCM = +VS/2, RF = 402 Ω, RG = 200 Ω, RT = 60.4 Ω (when used), RL,dm = 1 kΩ, unless otherwise noted.
All specifications refer to single-ended input and differential outputs, unless otherwise noted. Refer to Figure 42 for signal definitions.
±DIN to VOUT,dm Performance
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Small Signal Bandwidth
VOUT, dm = 0.1 V p-p
1400
MHz
Bandwidth for 0.1 dB Flatness
VOUT, dm = 0.1 V p-p, ADA4939-1
300
MHz
VOUT, dm = 0.1 V p-p, ADA4939-2
90
MHz
Large Signal Bandwidth
VOUT, dm = 2 V p-p
1400
MHz
Slew Rate
VOUT, dm = 2 V p-p, 25% to 75%
6800
V/µs
Overdrive Recovery Time
VIN = 0 V to 1.5 V step, G = 3.16
<1
ns
NOISE/HARMONIC PERFORMANCE
See Figure 41 for distortion test circuit
Second Harmonic
VOUT, dm = 2 V p-p, 10 MHz
−102
dBc
VOUT, dm = 2 V p-p, 70 MHz
−83
dBc
VOUT, dm = 2 V p-p, 100 MHz
−77
dBc
Third Harmonic
VOUT, dm = 2 V p-p, 10 MHz
−101
dBc
VOUT, dm = 2 V p-p, 70 MHz
−97
dBc
VOUT, dm = 2 V p-p, 100 MHz
−91
dBc
IMD
f1 = 70 MHz, f2 = 70.1 MHz, VOUT, dm = 2 V p-p
−95
dBc
f1 = 140 MHz, f2 = 140.1 MHz, VOUT, dm = 2 V p-p
−89
dBc
Voltage Noise (RTI)
f = 100 kHz
2.3
nV/√Hz
Input Current Noise
f = 100 kHz
6
pA/√Hz
Crosstalk
f = 100 MHz, ADA4939-2
−80
dB
INPUT CHARACTERISTICS
Offset Voltage
VOS, dm = VOUT, dm/2, VDIN+ = VDIN− = 2.5 V
−3.4
±0.5
+2.8
mV
TMIN to TMAX variation
±2.0
µV/°C
Input Bias Current
−26
−10
+2.2
µA
TMIN to TMAX variation
±0.5
µA/°C
Input Offset Current
−11.2
+0.5
+11.2
µA
Input Resistance
Differential
180
kΩ
Common mode
450
kΩ
Input Capacitance
1
pF
Input Common-Mode Voltage
1.1
3.9
V
CMRR
∆VOUT, dm/∆VIN, cm, ∆VIN, cm = ±1 V
−83
−77
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
Maximum ∆VOUT; single-ended output, RF = RG = 10 kΩ
0.9
4.1
V
Linear Output Current
100
mA
Output Balance Error
∆VOUT, cm/∆VOUT, dm, ∆VOUT, dm = 1 V, 10 MHz,
see Figure 40 for test circuit
−64
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com