Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4939-2YCPZ-R2 Datasheet(PDF) 21 Page - Analog Devices

Part # ADA4939-2YCPZ-R2
Description  Ultralow Distortion, Differential ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4939-2YCPZ-R2 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADA4939-2YCPZ-R2 Datasheet HTML 16Page - Analog Devices ADA4939-2YCPZ-R2 Datasheet HTML 17Page - Analog Devices ADA4939-2YCPZ-R2 Datasheet HTML 18Page - Analog Devices ADA4939-2YCPZ-R2 Datasheet HTML 19Page - Analog Devices ADA4939-2YCPZ-R2 Datasheet HTML 20Page - Analog Devices ADA4939-2YCPZ-R2 Datasheet HTML 21Page - Analog Devices ADA4939-2YCPZ-R2 Datasheet HTML 22Page - Analog Devices ADA4939-2YCPZ-R2 Datasheet HTML 23Page - Analog Devices ADA4939-2YCPZ-R2 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
ADA4939-1/ADA4939-2
Rev. A | Page 21 of 24
INPUT COMMON-MODE VOLTAGE RANGE
The ADA4939-1/ADA4939-2 input common-mode range is
centered between the two supply rails, in contrast to other ADC
drivers with level-shifted input ranges, such as the ADA4937-1/
ADA4937-2. The centered input common-mode range is best
suited to ac-coupled, differential-to-differential and dual supply
applications.
For 5 V single-supply operation, the input common-mode
range at the summing nodes of the amplifier is specified as
1.1 V to 3.9 V and is specified as 0.9 V to 2.4 V with a 3.3 V
supply. To avoid nonlinearities, the voltage swing at the +IN
and −IN terminals must be confined to these ranges.
INPUT AND OUTPUT CAPACITIVE AC COUPLING
Input ac coupling capacitors can be inserted between the source
and RG. This ac coupling blocks the flow of the dc common-
mode feedback current and causes the ADA4939-1/ADA4939-2
dc input common-mode voltage to equal the dc output common-
mode voltage. These ac coupling capacitors must be placed in
both loops to keep the feedback factors matched.
Output ac coupling capacitors can be placed in series between
each output and its respective load. See Figure 54 for an
example that uses input and output capacitive ac coupling.
MINIMUM RG VALUE OF 50 Ω
Due to the wide bandwidth of the ADA4939-1/ADA4939-2, the
value of RG must be greater than or equal to 50 Ω to provide
sufficient damping in the amplifier front end. In the terminated
case, RG includes the Thevenin resistance of the source and load
terminations.
SETTING THE OUTPUT COMMON-MODE VOLTAGE
The VOCM/VOCMx pin of the ADA4939-1/ADA4939-2 is internally
biased with a voltage divider comprising two 20 kΩ resistors at a
voltage approximately equal to the midsupply point, [(+VS) +
(−VS)]/2. Because of this internal divider, the VOCM/VOCMx pin
sources and sinks current, depending on the externally applied
voltage and its associated source resistance. Relying on the
internal bias results in an output common-mode voltage that is
within about 100 mV of the expected value.
In cases where more accurate control of the output common-
mode level is required, it is recommended that an external
source or resistor divider be used with source resistance less
than 100 Ω. The output common-mode offset listed in the
Specifications section assumes that the VOCM input is driven by
a low impedance voltage source.
It is also possible to connect the VOCM input to a common-mode
level (CML) output of an ADC. However, care must be taken to
ensure that the output has sufficient drive capability. The input
impedance of the VOCM/VOCMx pin is approximately 10 kΩ. If
multiple ADA4939-1/ADA4939-2 devices share one reference
output, it is recommended that a buffer be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com