Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4939-2YCPZ-R2 Datasheet(PDF) 19 Page - Analog Devices

Part # ADA4939-2YCPZ-R2
Description  Ultralow Distortion, Differential ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4939-2YCPZ-R2 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADA4939-2YCPZ-R2 Datasheet HTML 15Page - Analog Devices ADA4939-2YCPZ-R2 Datasheet HTML 16Page - Analog Devices ADA4939-2YCPZ-R2 Datasheet HTML 17Page - Analog Devices ADA4939-2YCPZ-R2 Datasheet HTML 18Page - Analog Devices ADA4939-2YCPZ-R2 Datasheet HTML 19Page - Analog Devices ADA4939-2YCPZ-R2 Datasheet HTML 20Page - Analog Devices ADA4939-2YCPZ-R2 Datasheet HTML 21Page - Analog Devices ADA4939-2YCPZ-R2 Datasheet HTML 22Page - Analog Devices ADA4939-2YCPZ-R2 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Data Sheet
ADA4939-1/ADA4939-2
Rev. A | Page 19 of 24
Mismatched feedback networks also result in a degradation of
the ability of the circuit to reject input common-mode signals,
much the same as for a four-resistor difference amplifier made
from a conventional op amp.
As a practical summarization of the above issues, resistors of 1%
tolerance produce a worst-case input CMRR of approximately
40 dB, a worst-case differential-mode output offset of 25 mV
due to a 2.5 V VOCM input, negligible VOCM noise contribution,
and no significant degradation in output balance error.
CALCULATING THE INPUT IMPEDANCE FOR AN
APPLICATION CIRCUIT
The effective input impedance of a circuit depends on whether
the amplifier is being driven by a single-ended or differential
signal source. For balanced differential input signals, as shown
in Figure 44, the input impedance (RIN, dm) between the inputs
(+DIN and −DIN) is simply RIN, dm = 2 × RG.
+VS
+IN
–IN
RF
RF
+DIN
–DIN
VOCM
RG
RG
VOUT, dm
ADA4939-1/
ADA4939-2
Figure 44. ADA4939-1/ADA4939-2 Configured for Balanced (Differential) Inputs
For an unbalanced, single-ended input signal (see Figure 45),
the input impedance is

F
G
F
G
SE
IN
R
R
R
R
R
2
1
,
RL VOUT, dm
+VS
–VS
RG
RG
RF
RF
VOCM
RIN, SE
ADA4939-1/
ADA4939-2
Figure 45. ADA4939-1/ADA4939-2 with Unbalanced (Single-Ended) Input
The input impedance of the circuit is effectively higher than it
would be for a conventional op amp connected as an inverter
because a fraction of the differential output voltage appears at
the inputs as a common-mode signal, partially bootstrapping
the voltage across the input resistor RG. The common-mode
voltage at the amplifier input terminals can be easily determined by
noting that the voltage at the inverting input is equal to the
noninverting output voltage divided down by the voltage divider
formed by RF and RG in the lower loop. This voltage is present at
both input terminals due to negative voltage feedback and is in
phase with the input signal, thus reducing the effective voltage
across RG in the upper loop and partially bootstrapping RG.
Terminating a Single-Ended Input
This section deals with how to properly terminate a single-ended
input to the ADA4939-1/ADA4939-2 with a gain of 2, RF = 400 Ω,
and RG = 200 Ω. An example using an input source with a
terminated output voltage of 1 V p-p and source resistance of 50 Ω
illustrates the four simple steps that must be followed. Note that,
because the terminated output voltage of the source is 1 V p-p,
the open circuit output voltage of the source is 2 V p-p. The
source shown in Figure 46 indicates this open-circuit voltage.
1.
The input impedance must be calculated using the formula
Ω
300
)
400
200
(
2
400
1
200
)
(
2
1
F
G
F
G
IN
R
R
R
R
R
RS
50Ω
VS
2V p-p
RIN
300Ω
RL VOUT, dm
+VS
–VS
RG
200Ω
RG
200Ω
RF
400Ω
RF
400Ω
VOCM
ADA4939-1/
ADA4939-2
Figure 46. Calculating Single-Ended Input Impedance RIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com