Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4950-1YCPZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # ADA4950-1YCPZ-R2
Description  Low Power, Selectable Gain Differential ADC Driver, G = 1, 2, 3
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4950-1YCPZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA4950-1YCPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
ADA4950-1/ADA4950-2
Data Sheet
Rev. B | Page 10 of 26
1
10
100
1000
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
FREQUENCY (MHz)
VOUT, dm = 100mV p-p
RL = 1kΩ
RL = 200Ω
Figure 13. Small-Signal Frequency Response at Various Loads
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
1
10
100
FREQUENCY (MHz)
1000
VOUT, dm = 100mV p-p
VOCM = –2.5VDC
VOCM = 0V
VOCM = +2.5VDC
Figure 14. Small-Signal Frequency Response for Various VOCM Levels
1
10
100
FREQUENCY (MHz)
1000
VOUT, dm = 100mV p-p
–8
–6
–4
–2
0
2
4
CL = 0pF
CL = 0.9pF
CL = 1.8pF
CL = 2.7pF
Figure 15. Small-Signal Frequency Response at Various Capacitive Loads
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
1
10
100
1000
VOUT, dm = 2V p-p
RL = 1kΩ
RL = 200Ω
FREQUENCY (MHz)
Figure 16. Large-Signal Frequency Response at Various Loads
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
1
10
100
FREQUENCY (MHz)
1000
VOUT, dm = 2V p-p
VOCM = –2.5VDC
VOCM = 0V
VOCM = +2.5VDC
Figure 17. Large-Signal Frequency Response for Various VOCM Levels
–8
–6
–4
–2
0
2
4
1
10
100
1000
FREQUENCY (MHz)
VOUT, dm = 2V p-p
CL = 0pF
CL = 0.9pF
CL = 1.8pF
CL = 2.7pF
Figure 18. Large-Signal Frequency Response at Various Capacitive Loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com