Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4950-1YCPZ-R2 Datasheet(PDF) 20 Page - Analog Devices

Part # ADA4950-1YCPZ-R2
Description  Low Power, Selectable Gain Differential ADC Driver, G = 1, 2, 3
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4950-1YCPZ-R2 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADA4950-1YCPZ-R2 Datasheet HTML 16Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 17Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 18Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 19Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 20Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 21Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 22Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 23Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
ADA4950-1/ADA4950-2
Data Sheet
Rev. B | Page 20 of 26
Table 12. Differential Input, DC-Coupled
Nominal Linear Gain
RF (Ω)
RG (Ω)
RIN, dm (Ω)
Differential Output Noise Density (nV/√Hz)
1
500
500
1000
9.25
2
500
250
500
12.9
3
500
250||500
333
16.6
Table 13. Single-Ended, Ground-Referenced Input, DC-Coupled, RS = 50 Ω
Nominal Linear Gain
RF (Ω)
RG1 (Ω)
RT (Ω) (Std 1%) RIN, se (Ω)
RG2 (Ω)1
Differential Output Noise Density (nV/√Hz)
1
500
500
53.6
667
526
9.07
2
500
250
57.6
375
277
12.2
3
500
250||500 61.9
267
194
15.0
1
RG2 = RG1 + (RS||RT).
Similar to the case of a conventional op amp, the output noise
voltage densities can be estimated by multiplying the input-
referred terms at +INx and −INx by the appropriate output
factor, where:
(
)
2
1
N
β
β
G
+
=
2
is the circuit noise gain.
G1
F1
G1
1
R
R
R
β
+
=
and
G2
F2
G2
2
R
R
R
β
+
=
are the feedback factors.
When the feedback factors are matched, RF1/RG1 = RF2/RG2,
β1 = β2 = β, and the noise gain becomes
G
F
N
R
R
β
G
+
=
=
1
1
Note that the output noise from VOCM goes to 0 in this case. The
total differential output noise density, vnOD, is the root-sum-
square of the individual output noise terms.
∑
=
=
8
1
i
2
nOi
nOD
v
v
Table 12 and Table 13 list the three available gain settings,
associated resistor values, input impedance, and output noise
density for both balanced and unbalanced input configurations.
CALCULATING THE INPUT IMPEDANCE FOR AN
APPLICATION CIRCUIT
The effective input impedance of a circuit depends on whether
the amplifier is being driven by a single-ended or differential
signal source. For balanced differential input signals, as shown
in Figure 54, the input impedance (RIN,dm) is
RIN, dm = (RG + RG) = 2 × RG
The value of RG depends on the selected gain.
+VS
–VS
+IN
–IN
RF
RF
VOCM
RG
RG
VOUT, dm
VIN, dm
ADA4950-x
Figure 54. ADA4950-x Configured for Balanced (Differential) Inputs
For an unbalanced, single-ended input signal (see Figure 55),
the input impedance is
(
)
+
×
−
=
F
G
F
G
se
IN
R
R
R
R
R
2
1
,
ADA4950-x
RL VOUT, dm
+VS
–VS
RG
RG
RF
RF
VOCM
RIN, se
Figure 55. ADA4950-x with Unbalanced (Single-Ended) Input
The input impedance of the circuit is effectively higher than it
is for a conventional op amp connected as an inverter because a
fraction of the differential output voltage appears at the inputs
as a common-mode signal, partially bootstrapping the voltage
across the input resistor, RG. The common-mode voltage at the
amplifier input terminals can be easily determined by noting
that the voltage at the inverting input is equal to the noninverting
output voltage divided down by the voltage divider that is formed
by RF and RG in the lower loop. This voltage is present at both
input terminals due to negative voltage feedback and is in phase
with the input signal, thus reducing the effective voltage across
RG in the upper loop and partially bootstrapping RG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com