Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4950-1YCPZ-R2 Datasheet(PDF) 23 Page - Analog Devices

Part # ADA4950-1YCPZ-R2
Description  Low Power, Selectable Gain Differential ADC Driver, G = 1, 2, 3
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4950-1YCPZ-R2 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADA4950-1YCPZ-R2 Datasheet HTML 18Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 19Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 20Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 21Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 22Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 23Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 24Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 25Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
Data Sheet
ADA4950-1/ADA4950-2
Rev. B | Page 23 of 26
LAYOUT, GROUNDING, AND BYPASSING
As a high speed device, the ADA4950-x is sensitive to the
PCB environment in which it operates. Realizing its superior
performance requires attention to the details of high speed
PCB design.
The first requirement is a solid ground plane that covers as
much of the board area around the ADA4950-x as possible. The
thermal resistance, θJA, is specified for the device, including the
exposed pad, soldered to a high thermal conductivity 4-layer
circuit board, as described in EIA/JESD51-7.
Bypass the power supply pins as close to the device as possible
and directly to a nearby ground plane. Use high frequency
ceramic chip capacitors. It is recommended that two parallel
bypass capacitors (1000 pF and 0.1 μF) be used for each supply.
Place the 1000 pF capacitor closer to the device. Farther away,
provide low frequency bulk bypassing using 10 μF tantalum
capacitors from each supply to ground.
Signal routing should be short and direct to avoid parasitic
effects. Wherever complementary signals exist, provide a
symmetrical layout to maximize balanced performance. When
routing differential signals over a long distance, keep PCB
traces close together, and twist any differential wiring to
minimize loop area. Doing this reduces radiated energy and
makes the circuit less susceptible to interference.
1.30
0.80
0.80
1.30
Figure 61. Recommended PCB Thermal Attach Pad (Dimensions in Millimeters)
0.30
PLATED
VIA HOLE
1.30
GROUND PLANE
POWER PLANE
BOTTOM METAL
TOP METAL
Figure 62. Cross-Section of 4-Layer PCB Showing Thermal Via Connection to Buried Ground Plane (Dimensions in Millimeters)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com