Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4960-1ACPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADA4960-1ACPZ-R7
Description  5 GHz, Low Distortion ADC Driver/Line Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4960-1ACPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADA4960-1ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
ADA4960-1
Rev. 0 | Page 5 of 20
Parameter
Conditions
Min
Typ
Max
Unit
1000 MHz
Second/Third Harmonic Distortion
AV = 6 dB, VOUT = 0.9 V p-p
−73/−72
dBc
AV = 12 dB, VOUT = 0.9 V p-p
−69/−78
dBc
AV = 18 dB, VOUT = 0.9 V p-p
−67/−85
dBc
OIP3/IMD3
AV = 6 dB, VOUT = 0.9 V p-p composite (2 MHz spacing)
+26.2/−63
dBm/dBc
AV = 12 dB, VOUT = 0.9 V p-p composite (2 MHz spacing)
+26.0/−63
dBm/dBc
AV = 18 dB, VOUT = 0.9 V p-p composite (2 MHz spacing)
+25.0/−61
dBm/dBc
Noise Spectral Density (RTI)
AV = 6 dB
4.8
nV/√Hz
AV = 12 dB
2.7
nV/√Hz
AV = 18 dB
1.6
nV/√Hz
1 dB Compression Point (RTO)
AV = 6 dB
8.0
dBm
AV = 12 dB
7.7
dBm
AV = 18 dB
7.6
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com