Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4960-1ACPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADA4960-1ACPZ-R7
Description  5 GHz, Low Distortion ADC Driver/Line Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4960-1ACPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADA4960-1ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
ADA4960-1
Rev. 0 | Page 12 of 20
TEST CIRCUITS
IIP
VIP
25
Ω
37.5
Ω
25
Ω
0.1µF
ETC1-1-13
ETC1-1-13
ADA4960-1
0.1µF
0.1µF
0.1µF
IIN
VIN
VOP
VON
RG
25
Ω
25
Ω
5V
37.5
Ω
BAND-PASS
FILTER
SINE WAVE
GENERATOR
SPECTRUM
ANALYZER
50
Ω
Figure 27. Distortion Test Circuit
IIP
VIP
PULSE
SOURCE
25
Ω
0
Ω
25
Ω
0.1µF
ETC1-1-13
ADA4960-1
0.1µF
0.1µF
0.1µF
IIN
VIN
VOP
VON
RG
50
Ω
50
Ω
5V
0
Ω
OSCILLOSCOPE
50
Ω
Figure 28. Time Domain Test Circuit
IIP
VIP
NETWORK
ANALYZER
NETWORK
ANALYZER
50
Ω
0
Ω
50
Ω
0.1µF
ADA4960-1
0.1µF
0.1µF
0.1µF
IIN
VIN
VOP
VON
RG
50
Ω
50
Ω
50
Ω
50
Ω
5V
0
Ω
Figure 29. S-Parameter Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com