Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4960-1ACPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADA4960-1ACPZ-R7
Description  5 GHz, Low Distortion ADC Driver/Line Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4960-1ACPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADA4960-1ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADA4960-1ACPZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
ADA4960-1
Rev. 0 | Page 15 of 20
GAIN ADJUST
The gain of the ADA4960-1 is set with a single resistor, RG,
connected across the IIP and IIN pins. Because the output
impedance is 150 Ω, the load affects the gain. The voltage
gain can be calculated for both differential and single-ended
inputs as follows:
()
G
L
L
V
R
R
R
A
+
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
=
35.5
150
150
4.7
where RL and RG are the load and gain-setting resistors.
18
16
14
12
10
8
6
4
2
0
0
50
100
150
200
250
RG (Ω)
RL = 1kΩ
RL = 100Ω
RL = 500Ω
RL = 200Ω
Figure 34. AV vs. RG for RL = 100 Ω, RL = 200 Ω, RL = 500 Ω, and RL = 1 kΩ
Table 5. AV vs. RG for RL = 100 Ω, RL = 200 Ω, RL = 500 Ω, and
RL = 1 kΩ
AV (dB)
RG
RL = 100 Ω
RL = 200 Ω
RL = 500 Ω
RL = 1 kΩ
0
246
370
505
576
6
106
167
237
271
12
35.2
65.7
101
118
18
0
15.2
32.8
41.7
BANDWIDTH EXTENSION
The bandwidth of the ADA4960-1 can be extended for both
differential and single-ended input configurations by connecting
a capacitor, CS, in parallel with the gain-setting resistor, RG, as
shown in Figure 35.
IIP
VIP
R1
25
Ω
50
Ω
R2
25
Ω
0.1µF
5V
ETC1-1-13
ADA4960-1
0.1µF
0.1µF
0.1µF
AC
VOP
VON
IIN
VIN
RG
CS
RL
2
RL
2
Figure 35. ADA4960-1 with Bandwidth Extension
Figure 36 shows the bandwidth extension for 6 dB and 12 dB gains.
Figure 37 shows the recommended CS values for most gains (dB).
14
12
10
8
6
4
2
0
10
100
1k
10k
FREQUENCY (MHz)
CS = 2.2pF
CS = 0.1pF
Figure 36. Bandwidth Extension for 6 dB and 12 dB Gains
14
12
10
8
6
4
2
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
CS (pF)
Figure 37. Recommended CS Values for Most Gains



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com