Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS Datasheet(PDF) 2 Page - American Electronic Components, inc

Part # TLS
Description  electronic tilt switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

TLS Datasheet(HTML) 2 Page - American Electronic Components, inc

  TLS Datasheet HTML 1Page - American Electronic Components, inc TLS Datasheet HTML 2Page - American Electronic Components, inc TLS Datasheet HTML 3Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
All dimensions in inches.
Not to scale.
Page 2 of 3
www.aecsensors.com
Sales Department Tel: (888) 847-6552
TLS series
electronic tilt switches
Ref: TLS series 012913JHM
Dimensions and mounting holes
Fig. 1
Ordering codes
Type
1st Trigger Angle 1st Reset Angle
2nd Trigger Angle 2nd Reset Angle
Time Delay
T
L
S
-
-
-
-
-
-
Axis1
L
1
See Fig 2 for explanation of axis
W
1st Trigger angle
1st Reset angle3
H
01 ~ 90
0.5 ~ 89.5
Switch function
2nd Trigger angle
2nd Reset angle3
C
-
2 x SPST-NO
01 ~ 90
0.5 ~ 89.5
D
-
2 x SPST-NC2
NB: Actual angle is negative - refer to Fig 2 for more information
2
Normally closed contacts require power supplied to
switch at all times.
3
Minimum reset angle = 0.5 degrees less than trigger angle
Operating supply voltage
Time delay (on Trigger)
A
-
5 - 18VDC
NIL
-
No time delay
B
-
17 - 35VDC
0.1 ~ 5 seconds (in 100msec steps)
C
-
12 - 24VAC
Time delay is the same for 1st and 2nd Trigger angles.
( 2.559 )
( .256 )
( 2.171 )
1.69
0.65



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com