Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS Datasheet(PDF) 1 Page - American Electronic Components, inc

Part # TLS
Description  electronic tilt switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

TLS Datasheet(HTML) 1 Page - American Electronic Components, inc

  TLS Datasheet HTML 1Page - American Electronic Components, inc TLS Datasheet HTML 2Page - American Electronic Components, inc TLS Datasheet HTML 3Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
www.aecsensors.com
Sales Department Tel: (888) 847-6552
TLS series
electronic tilt switches
Specifications
Contact number & arrangement
2 x SPST-NO ( 2 x Form A), 2 x SPST-NC1 ( 2 x Form B1)
Max. switching voltage
AC/DC 250VAC / 30VDC
Min. breaking capacity
W 50mW
Rated load (resistive - cos φ=1)
AC1 5A/250VAC (Consult factory for higher currents)
DC1 5A/30VDC
Max. switching power
1250VA / 150W
1) NC function requires the tilt switch to be powered at all times.
Supply voltage
AC/DC 5 - 18VDC, 17 - 35VDC, 12 - 24VAC (see Ordering Codes, Page 2)
Current consumption
<150mA (both output relays energized)
Trigger angle range
180° (+/- 90° from horizontal) depending on part number
Reset range (minimum)
0.5° less than trigger angle
Resolution
0.1°
Accuracy
0.5°
Time Delay (factory set)
secs 0 to 5 seconds in 100 msec steps
Housing
Polycarbonate (UL94-HB)
Dimensions (approx.)
L x W x H 5.71” (over mounting flange) x 2.56” x 2.17” (145 x 65 x 55mm)
Weight
0.38lb (172g)
Ambient temperature
-40 to 70°C
Sealing
IP65
Shock resistance
10g
Vibration resistance
1.5mm DA 10...55Hz
Wiring Information
Cable length
12 inches (approx. 305mm)
Cable colors
Red & Black 5 - 12V supply (AC or DC)
Yellow & Blue Switch output 1 (volt free contact)
Brown & Orange Switch output 2 (volt free contact) - where fitted.
• Wide trigger angle of up to 180 Degrees
• Factory Programmable hysteresis on reset angle
• Up to 5 Second delay on trigger and reset angle.
• Relay output switching up to 5A at 250VAC
• Two independent trigger and reset angles
• RoHS Compliant
Ref: TLS Series 012913JHM


Similar Part No. - TLS

ManufacturerPart #DatasheetDescription
logo
C&K Components
TLS CK-COMPONENTS-TLS Datasheet
112Kb / 1P
Soft Sound Tact Switch
29 Jun 21
logo
Brady Worldwide, Inc.
TLS BRADY-TLS Datasheet
359Kb / 1P
TLS2200® Labeling System
logo
BetLux Electronics
TLS-1W-M35 BETLUX-TLS-1W-M35 Datasheet
162Kb / 2P
LED strip light, Mono color, 1W high power LED Module
REV NO: V.2
TLS-1W-M35PGC BETLUX-TLS-1W-M35PGC Datasheet
162Kb / 2P
LED strip light, Mono color, 1W high power LED Module
REV NO: V.2
TLS-1W-M35PGC BETLUX-TLS-1W-M35PGC Datasheet
162Kb / 2P
LED strip light, Mono color, 1W high power LED Module
REV NO: V.2
More results

Similar Description - TLS

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4682 ANALOGICTECH-AAT4682 Datasheet
251Kb / 8P
Dual Electronic Resettable Switches
logo
KODENSHI_AUK CORP.
SG-302 KODENSHI-SG-302 Datasheet
194Kb / 2P
Tilt Sensor
logo
Mini-Circuits
PAS-2000 MINI-PAS-2000 Datasheet
99Kb / 1P
Electronic Attenuators/Switches
logo
Sharp Corporation
GP2TD02 SHARP-GP2TD02 Datasheet
87Kb / 3P
TILT SENSOR
logo
Omron Electronics LLC
D6BN OMRON-D6BN Datasheet
1Mb / 6P
Micro Tilt Sensor
logo
Bud Industries, Inc.
HH-3440-TS BUD-HH-3440-TS Datasheet
35Kb / 1P
TILT STAND
logo
American Electronic Com...
DS-120 AEC-DS-120 Datasheet
161Kb / 2P
tilt sensor / tilt switch
TD4PO AEC-TD4PO Datasheet
460Kb / 3P
electronic tilt switches
logo
Littelfuse
74601-01 LITTELFUSE-74601-01 Datasheet
471Kb / 1P
ELECTRONIC DIMMER SWITCHES
2019 Rev: 021119
75600 LITTELFUSE-75600 Datasheet
215Kb / 1P
ELECTRONIC WINDSHIELD WIPER SWITCHES
2019 Rev: 021119
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com