Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS Datasheet(PDF) 3 Page - American Electronic Components, inc

Part # TLS
Description  electronic tilt switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

TLS Datasheet(HTML) 3 Page - American Electronic Components, inc

  TLS Datasheet HTML 1Page - American Electronic Components, inc TLS Datasheet HTML 2Page - American Electronic Components, inc TLS Datasheet HTML 3Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Mounting Instructions
Fig. 2
TLS series
electronic tilt switches
American Electronic Components Inc., 1101 Lafayette St. Elkhart, IN46516
Page 3 of 3
www.aecsensors.com
Sales Department Tel: (888) 847-6552
Specifications are subject to change without notice. E&OE.
Ref: TLS series 012913JHM
L Axis
H Axis
W Axis
Switch mounted in horizontal plane
Switch mounted in vertical plane
The Tilt Switch should be mounted in the horizontal plane for L or W axis and in the vertical plane for H axis. The factory can pre-
program an offset for when the Tilt Switch is required to be mounted at an angle.
The Tilt Switch may be mounted using the four corner holes (preferred) or the two key hole slots at each end of the unit. Do not drill
the box as this may damage the internal components and will compromise the sealing.
Please ensure sufficient space is left to allow for the cable. Undue stress on the cable should be avoided.
Wiring Information
The Tilt Switch has a six wire cable for connection. As standard, the unit is supplied with a 12” cable - other lengths can be supplied
(contact factory). The Tilt Switch is not fused internally and a suitable external fuse should be fitted.
Wire Color
Function
Red
+ve Supply (AC or DC)
Black
-ve Supply (AC or DC)
Yellow
Switch 1 Common
Blue
Switch 1 NO (NC)
Brown
Switch 2 Common
Orange
Switch 2 NO (NC)
The Tilt Switch will work with any supply voltage within the chosen voltage range. The
internal switches are factory programmed as either normally open or normally closed.
The normally closed function requires the Tilt Switch supply voltage to be present at
all times. Disconnecting the supply to the Tilt Switch will cause the normally closed
contact to open. If the normally closed function is selected, the contact will close im-
mediately after the supply voltage is applied to the Tilt Switch. Switch outputs are “volt
free” and may be used for switching voltages up to 230VAC and a maximum current of
5A per switch. (Contact factory for special requirements).
Switch Function
SPST-NO:
The switch contacts are open when the Tilt Switch is in the at rest position. The switch contacts will close
(make) when the trigger angle setpoint is reached and open (break) again at the reset angle setpoint as the Tilt Switch returns to the
at rest position.
SPST-NC:
The switch contacts close (make) as soon as power is supplied to the Tilt Switch, with the Tilt Switch in the at
rest position. The switch contacts will open (break) when the trigger angle setpoint is reached and close again at the reset angle
setpoint as the Tilt Switch returns to the at rest position.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com