Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

201 Datasheet(PDF) 2 Page - ETAL Group

Part # 201
Description  Process control systems, instrumentation, rail vehicles
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

201 Datasheet(HTML) 2 Page - ETAL Group

  201 Datasheet HTML 1Page - ETAL Group 201 Datasheet HTML 2Page - ETAL Group 201 Datasheet HTML 3Page - ETAL Group 201 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Thermal-Magnetic Circuit Breaker 201
www.e-t-a.de
1623
2
1
Ambient temp. °F
°C
-22
-30
-4
-20
+14
-10
+32
0
+73.4
+23
+104
+40
+122
+50
+140
+60
The time/current characteristic curve depends on the ambient temperature
prevailing. In order to eliminate nuisance tripping, please multiply the circuit
breaker current ratings by the derating factor shown below. See also section
Technical information.
Derating factor
0.76 0.79 0.83
0.88
1
1.08
1.16
1.24
Dimensions
ø8.5
symmetrical rail EN 50022-35x7.5
current rating in A
45
80
Phillips screw, size 2 to EN ISO 4757
slot for fitting labels from
conductor cross
section max.
0.5 - 10 mm2
(AWG 20-AWG 8)
rigid conductor
0.5 - 6 mm2
(AWG 20-AWG 10)
flexible conductor
tightening torque
max. 0.8 Nm
11.5
12.5
.335
1.77
12-14
.472-.551
3.15
.492
.453
white
black
Weidmüller
type dekafix
Phoenix
type ZBFM5 or ZB8
line 1
2
I >
Installation drawing
mounting area
operating area
(reinforced insulation)
cable entry
cable entry
Typical time/current characteristics
Internal connection diagram
+23 °C
+73.4 °F
… times rated current
+60 °C
+140 °F
-30 °C
-22 °F
12
46 8 10
20
40
… times rated current
10000
1000
100
10
1
0.1
0.01
0.001
60 80100
12
46 8 10
20
40
10000
1000
100
10
1
0.1
0.01
0.001
60 80100
1)
Magnetic tripping currents are increased by 20% on DC supplies.
0.05...7 A
AC/DC 1)
8...16 A
AC/DC 1)
This is a metric design and millimeter dimensions take precedence ( mm )
inch



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com