Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

201 Datasheet(PDF) 3 Page - ETAL Group

Part # 201
Description  Process control systems, instrumentation, rail vehicles
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

201 Datasheet(HTML) 3 Page - ETAL Group

  201 Datasheet HTML 1Page - ETAL Group 201 Datasheet HTML 2Page - ETAL Group 201 Datasheet HTML 3Page - ETAL Group 201 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Thermal-Magnetic Circuit Breaker 201
www.e-t-a.de
1623
3
1
Thermal-Magnetic Circuit Breaker 201
Accessories
79 x 12.5 = 987.5
12.5
3±0.2
1.5
14.7
995+2
Art.-Nr. X22254001
EC 664 500 V/100 A (40 °C)
Art.-Nr. X22254001
EC 664 500 V/100 A (40 °C)
marking 4 x on busbar
Supply terminal Imax 63 A
Y 308 551 01
Max. tightening torque of terminal screw 2 Nm
Max. cable cross section: 25 mm2 / single strand
16 mm2 / multistrand
with wire end ferrule
4
13
2
17.7
Busbar 1-pole, 90°
X 222 540 01
The one metre long busbars can be cut to suitable lengths.
Plug-on caps can be fitted on the ends to provide brush
contact protection.
Imax - busbar 100 A (40 °C)
.118±.008
.492
79 x .492 = 38.878
.579
.059
39.173+.079
.157
.079
.512
.697
Elektrotechnische Apparate GmbH
D-90418 Altdorf bei Nürnberg
Elektrotechnische Apparate GmbH
D-90418 Altdorf bei Nürnberg
Plug-on cap, 1-pole
Y 307 851 01
This is a metric design and millimeter dimensions take precedence ( mm )
inch
All dimensions without tolerances are for reference only. In the interest of improved design,
performance and cost effectiveness the right to make changes in these specifications
without notice is reserved.Product markings may not be exactly as the ordering codes.
Errors and omissions excepted.
Connector bus links -K10
X 210 589 01/2.5 mm2, (AWG 14) (black) up to 20 A max. load
X 210 589 02/1.5 mm2, (AWG 16) (brown) up to 13 A max. load
50 pin lugs to DIN 46230
tinned copper
ø2.5
.099



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com