Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

201 Datasheet(PDF) 1 Page - ETAL Group

Part # 201
Description  Process control systems, instrumentation, rail vehicles
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

201 Datasheet(HTML) 1 Page - ETAL Group

  201 Datasheet HTML 1Page - ETAL Group 201 Datasheet HTML 2Page - ETAL Group 201 Datasheet HTML 3Page - ETAL Group 201 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Thermal-Magnetic Circuit Breaker 201
www.e-t-a.de
1623
1
1
Description
Typical applications
Ordering information
Approvals
Technical data
Single pole thermal-magnetic circuit breaker with tease-free, trip-free,
snap action mechanism and two button operation (M-type TM CBE
to EN 60934). Featuring a narrow profile housing, recessed terminals,
standard EN rail mounting, and precision CBE performance.
Approved to CBE standard EN 60934 (IEC 60934).
Process control systems, instrumentation, rail vehicles.
201-...
For further details please see chapter: Technical Information
Voltage rating
AC 240 V (50/60 Hz); DC 65 V
(UL: AC 250 V; DC 80 V)
Current rating range
0.05...16 A
Typical life
5,000 operations at 1 x IN, inductive
5,000 operations at 2 x IN, resistive
Ambient temperature
-30...+60 °C (-22...+140 °F)
Insulation co-ordination
rated impulse
pollution
(IEC 60664 and 60664 A)
withstand voltage
degree
2.5 kV
2
reinforced insulation in operating area
Dielectric strength
(IEC 60664 and 60664A)
test voltage
operating area
AC 3,000 V
Insulation resistance
> 100 MΩ (DC 500 V)
Interrupting capacity Icn
0.05...0.8 A
self-limiting
1...2 A
200 A
2.5...16 A
400 A
Interrupting capacity
IN
UN
(UL 1077)
0.05...16 A
AC 250 V
1,000 A
0.05...16 A
DC 80 V
1,000 A
Degree of protection
operating area IP40
(IEC 60529/DIN 40050)
terminal area IP20
Vibration
5 g (57-500 Hz), ± 0.38 mm (10-57 Hz)
to IEC 60068-2-6, test Fc
10 frequency cycles/axis
Shock
25 g (11 ms)
to IEC 60068-2-27, test Ea
Corrosion
96 hours at 5 % salt mist,
to IEC 60068-2-11, test Ka
Humidity
240 hours at 95 % RH
to IEC 60068-2-78, test Cab
Mass
approx. 60 g
Standard current ratings and typical internal resistance values
Type No.
201
single pole, rail mounted version
Current ratings
0.05...16 A
201
-
10 A
ordering example
The exact part number required can be built up from the table of choices shown
above. Ordering references for optional features should be omitted if not required.
Current rating
(A)
Internal
resistance (Ω)
Current rating
(A)
Internal
resistance (Ω)
0.05
447
3
0.19
0.1
131
4
0.090
0.2
40
5
0.061
0.3
19.3
6
0.041
0.4
10.4
7
0.034
0.5
7.1
8
< 0.02
0.6
4.3
10
< 0.02
0.8
2.5
12
< 0.02
1
1.67
14
< 0.02
1.5
0.61
15
< 0.02
2
0.38
16
< 0.02
2.5
0.24
Preferred types
Standard current ratings (A)
0.5 1
2
3
4
5
8
10 15 16
201-
x
x
x
x
x
x
x
x
x
x
Preferred types
Authority Standard
Rated voltage
Current ratings
VDE
IEC/EN 60934
AC 240 V
DC 65 V
0.05 A…16 A
0.05 A…16 A
UL
UL 1077
C22.2 No 235
AC 250 V
DC 80 V
0.05 A…16 A
0.05 A…16 A
CSA
C22.2 No 235
AC 250 V
DC 80 V
0.05 A…16 A
0.05 A…16 A


Similar Part No. - 201

ManufacturerPart #DatasheetDescription
logo
Littelfuse
201 LITTELFUSE-201 Datasheet
75Kb / 2P
MINIATURE FUSES - 5x20mm
logo
List of Unclassifed Man...
201 ETC2-201 Datasheet
115Kb / 2P
RUGGED and LIGHTWEIGHT ALUMINUM BATTERY HOLDERS
201 ETC2-201 Datasheet
230Kb / 1P
Wiha Insulated Open-Ended Spanners
logo
Alpha Wire
201 ALPHAWIRE-201 Datasheet
194Kb / 2P
M12-A Male 4 Pin Field Attachable
logo
Morse Mfg. Co., Inc.
201 MORSE-201 Datasheet
2Mb / 7P
Wheeled Portable Drum Rollers
20 Jun, 2023
More results

Similar Description - 201

ManufacturerPart #DatasheetDescription
logo
ETAL Group
1180-01 ETAL-1180-01 Datasheet
278Kb / 4P
Protection of loads in power distribution systems in control cabinets and process control
2210-S2 ETAL-2210-S2 Datasheet
388Kb / 6P
Process control equipment, robotics, machine tool control, communicationssystems, instrumentation, rail vehicles. Special versions, e.g. for aggressive environmental conditions and low voltages (e. g. 5 V) on request
2215-G1 ETAL-2215-G1 Datasheet
207Kb / 4P
Control equipment, communications systems, instrumentation
3300-IG2 ETAL-3300-IG2 Datasheet
229Kb / 4P
Control systems, instrumentation, medical equipment, machine tools, robotics
3500-P10 ETAL-3500-P10 Datasheet
154Kb / 2P
Control systems, instrumentation, medical equipment, machine tools, robotics, communications systems
3600-P10 ETAL-3600-P10 Datasheet
310Kb / 4P
Process control systems, instrumentation, communications systems,
437-K12 ETAL-437-K12 Datasheet
206Kb / 2P
Battery and cable protection for all types of vehicles (including rail vehicles and boats), battery powered systems
446-K ETAL-446-K Datasheet
174Kb / 2P
Heavy duty vehicles, battery systems, process control
482-G ETAL-482-G Datasheet
261Kb / 4P
Extra low voltage wiring systems on all types of vehicles for land, sea and air, battery powered machines, process control
logo
Bel Fuse Inc.
LDT481 BEL-LDT481 Datasheet
660Kb / 4P
Process Control
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com