Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRVTSAF360 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NRVTSAF360
Description  Trench-based Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NRVTSAF360 Datasheet(HTML) 3 Page - ON Semiconductor

  NRVTSAF360 Datasheet HTML 1Page - ON Semiconductor NRVTSAF360 Datasheet HTML 2Page - ON Semiconductor NRVTSAF360 Datasheet HTML 3Page - ON Semiconductor NRVTSAF360 Datasheet HTML 4Page - ON Semiconductor NRVTSAF360 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NRTSAF360, NRVTSAF360
www.onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 1. Typical Instantaneous Forward
Characteristics
Figure 2. Maximum Instantaneous Forward
Characteristics
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
0.6
0.4
0.2
0.1
1
10
100
0.9
0.6
0.5
0.3
0.2
1.2
0.1
1
10
100
Figure 3. Typical Reverse Characteristics
Figure 4. Maximum Reverse Characteristics
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
40
30
25
20
15
10
5
60
35
30
15
10
5
Figure 5. Typical Junction Capacitance
VR, REVERSE VOLTAGE (V)
0.1
10
1000
35
60
1.E−07
1.E−06
1.E−05
1.E−04
1.E−03
1.E−01
20
25
1.E−04
1.E−03
1.E+00
10
TA = 125°C
TA = −55°C
TA = 25°C
TA = 125°C
TA = 25°C
Figure 6. Current Derating
TL, LEAD TEMPERATURE (°C)
80
60
140
120
20
0
0
1
2
40
100
Square Wave
DC
RqJL = 24.5°C/W
TJ = 25°C
0.4
0.7
40
TA = 175°C
TA = 150°C
1
0.8
0.5
0.3
0
TA = 125°C
TA = 25°C
TA = 150°C
1.E−06
1.E−02
1.E−05
1.E−02
1.E−01
3
4
5
0.7
0.8
1.1
1.0
45
50
55
45
50
55
100
160 175
0.1
TA = 85°C
TA = 175°C
TA = 85°C
TA = 175°C
0.5
1.5
2.5
3.5
4.5
TA = 85°C
TA = 150°C
TA = 125°C
TA = −55°C
TA = 25°C
TA = 175°C
TA = 85°C
TA = 150°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com