Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRVTSAF360 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NRVTSAF360
Description  Trench-based Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NRVTSAF360 Datasheet(HTML) 4 Page - ON Semiconductor

  NRVTSAF360 Datasheet HTML 1Page - ON Semiconductor NRVTSAF360 Datasheet HTML 2Page - ON Semiconductor NRVTSAF360 Datasheet HTML 3Page - ON Semiconductor NRVTSAF360 Datasheet HTML 4Page - ON Semiconductor NRVTSAF360 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NRTSAF360, NRVTSAF360
www.onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 7. Forward Power Dissipation
IF(AV), AVERAGE FORWARD CURRENT (A)
0
0
1
6
2.0
4.0
IPK/IAV = 5
1.0
3.0
2
4
5
Square Wave
IPK/IAV = 10
DC
IPK/IAV
= 20
1.5
3.5
0.5
2.5
3
0.1
1
10
100
1E−07
0.0001
1000
0.001
0.01
0.1
1
10
100
Figure 8. Typical Transient Thermal Response Characteristics, Junction−to−Ambient
t, PULSE TIME (S)
50% Duty Cycle
20%
10%
5%
2%
1%
1E−06
1E−05
Single Pulse
0.01
0.001



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com