Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRVTSAF360 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NRVTSAF360
Description  Trench-based Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NRVTSAF360 Datasheet(HTML) 1 Page - ON Semiconductor

  NRVTSAF360 Datasheet HTML 1Page - ON Semiconductor NRVTSAF360 Datasheet HTML 2Page - ON Semiconductor NRVTSAF360 Datasheet HTML 3Page - ON Semiconductor NRVTSAF360 Datasheet HTML 4Page - ON Semiconductor NRVTSAF360 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2016
November, 2016 − Rev. 1
1
Publication Order Number:
NRTSAF360/D
NRTSAF360, NRVTSAF360
Trench-based Schottky
Rectifier
Features
• Fine Lithography Trench−based Schottky Technology for Very Low
Forward Voltage and Low Leakage
• Fast Switching with Exceptional Temperature Stability
• Low Power Loss and Lower Operating Temperature
• Higher Efficiency for Achieving Regulatory Compliance
• High Surge Capability
• NRV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
• These are Pb−Free and Halide−Free Devices
Typical Applications
• Switching Power Supplies including Tablet Adapters, and Flat Panel
Display
• High Frequency and DC−DC Converters
• Freewheeling and OR−ing diodes
• Reverse Battery Protection
• Instrumentation
• Automotive LED Lighting
Mechanical Characteristics:
• Case: Epoxy, Molded
• Epoxy Meets Flammability Rating UL 94−0 @ 0.125 in.
• Lead Finish: 100% Matte Sn (Tin)
• Lead and Mounting Surface Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
• Device Meets MSL 1 Requirements
• Weight: 95 mg (Approximately)
Device
Package
Shipping†
ORDERING INFORMATION
SMA−FL
CASE 403AA
STYLE 6
TRENCH SCHOTTKY
RECTIFIER
3.0 AMPERE
60 VOLTS
www.onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
NRTSAF360T3G
SMA−FL
(Pb−Free)
5000 / Tape &
Reel
3M6
= Specific Device Code
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
MARKING DIAGRAM
NRVTSAF360T3G
SMA−FL
(Pb−Free)
5000 / Tape &
Reel
3M6
AYWW
G


Similar Part No. - NRVTSAF360

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NRVTSAF345T3G ONSEMI-NRVTSAF345T3G Datasheet
60Kb / 5P
Trench-based Schottky Rectifier
November, 2016 ??Rev. 2
More results

Similar Description - NRVTSAF360

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NRVTSS3100E ONSEMI-NRVTSS3100E Datasheet
66Kb / 5P
Low Leakage Trench-based Schottky Rectifier
December, 2014 ??Rev. 0
NRVTSS5100E ONSEMI-NRVTSS5100E Datasheet
116Kb / 6P
Low Leakage Trench-based Schottky Rectifier
January, 2015 ??Rev. 0
NTSAF345 ONSEMI-NTSAF345 Datasheet
62Kb / 5P
Trench-based Schottky Rectifier
December, 2014 ??Rev. 0
NTSAF545 ONSEMI-NTSAF545 Datasheet
61Kb / 5P
Trench-based Schottky Rectifier
January, 2015 ??Rev. 1
NTSAF345 ONSEMI-NTSAF345_16 Datasheet
60Kb / 5P
Trench-based Schottky Rectifier
November, 2016 ??Rev. 2
NTSAF545 ONSEMI-NTSAF545_16 Datasheet
55Kb / 5P
Trench-based Schottky Rectifier
November, 2016 ??Rev. 2
NRTS10100PFS ONSEMI-NRTS10100PFS Datasheet
214Kb / 6P
Schottky Barrier Rectifier, Trench-based
February, 2020 ??Rev. 0
NRTS15100PFS ONSEMI-NRTS15100PFS Datasheet
201Kb / 7P
Schottky Barrier Rectifier, Trench-based
January, 2020 ??Rev. 0
NRTS8100PFS ONSEMI-NRTS8100PFS Datasheet
214Kb / 6P
Schottky Barrier Rectifier, Trench-based
August, 2020 ??Rev. 1
NRTS1260PFS ONSEMI-NRTS1260PFS Datasheet
214Kb / 6P
Schottky Barrier Rectifier, Trench-based
February, 2020 - Rev. 0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com