Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRTS8100PFS Datasheet (PDF) - ON Semiconductor

NRTS8100PFS Datasheet PDF - ON Semiconductor
Part # NRTS8100PFS
Download  NRTS8100PFS Download
File Size   214.16 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Schottky Barrier Rectifier, Trench-based

NRTS8100PFS Datasheet (PDF)

Go To PDF Page Download Datasheet
NRTS8100PFS Datasheet PDF - ON Semiconductor

Part # NRTS8100PFS
Download  NRTS8100PFS Click to download

File Size   214.16 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Schottky Barrier Rectifier, Trench-based

NRTS8100PFS Datasheet (HTML) - ON Semiconductor


NRTS8100PFS Product details

This TO−277 trench Schottky rectifier provides fast switching
performance in a compact thermally efficient package. The TO−277
package provides an excellent alternative to the DPAK, offering
thermal performance nearly as good in a package occupying less than
half the board space. Its low profile makes it a good option for flat
panel display and other applications with limited vertical clearance.
The device offers low leakage over temperature making it a good
match for applications requiring low quiescent current.

Features
• Package Provides Capability of Inspection and Probe After Board
Mounting
• Low Forward Voltage Drop
• 175°C Operating Junction Temperature
• NRV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant

Mechanical Characteristics:
• Case: Epoxy, Molded
• Epoxy Meets Flammability Rating UL 94−0 @ 0.125 in.
• Lead Finish: 100% Matte Sn (Tin)
• Lead and Mounting Surface Temperature for Soldering Purposes:
260°C Max. for 10 Seconds
• Device Meets MSL 1 Requirements
Applications
• Excellent Alternative to DPAK in Space−Constrained Automotive

Applications
• Low Leakage for Higher Temperature Operation
• Output Rectification in Compact Portable Consumer Applications
• Freewheeling Diode used with Inductive Loads




Similar Part No. - NRTS8100PFS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NRTS8100PFS ONSEMI-NRTS8100PFS Datasheet
202Kb / 6P
Schottky Barrier Rectifier, Trench-based
December, 2023 - Rev. 3
NRTS8100PFST3G ONSEMI-NRTS8100PFST3G Datasheet
202Kb / 6P
Schottky Barrier Rectifier, Trench-based
December, 2023 - Rev. 3
NRTS8100PFS ONSEMI-NRTS8100PFS_V01 Datasheet
202Kb / 6P
Schottky Barrier Rectifier, Trench-based
December, 2023 - Rev. 3
More results


Similar Description - NRTS8100PFS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NRVTSS3100E ONSEMI-NRVTSS3100E Datasheet
66Kb / 5P
Low Leakage Trench-based Schottky Rectifier
December, 2014 ??Rev. 0
NTSAF345 ONSEMI-NTSAF345 Datasheet
62Kb / 5P
Trench-based Schottky Rectifier
December, 2014 ??Rev. 0
NTSAF545 ONSEMI-NTSAF545 Datasheet
61Kb / 5P
Trench-based Schottky Rectifier
January, 2015 ??Rev. 1
NRTSAF360 ONSEMI-NRTSAF360 Datasheet
59Kb / 5P
Trench-based Schottky Rectifier
November, 2016 ??Rev. 1
NTSAF345 ONSEMI-NTSAF345_16 Datasheet
60Kb / 5P
Trench-based Schottky Rectifier
November, 2016 ??Rev. 2
NTSAF545 ONSEMI-NTSAF545_16 Datasheet
55Kb / 5P
Trench-based Schottky Rectifier
November, 2016 ??Rev. 2
NRTS10100PFS ONSEMI-NRTS10100PFS Datasheet
214Kb / 6P
Schottky Barrier Rectifier, Trench-based
February, 2020 ??Rev. 0
NRTS15100PFS ONSEMI-NRTS15100PFS Datasheet
201Kb / 7P
Schottky Barrier Rectifier, Trench-based
January, 2020 ??Rev. 0
NRTS1260PFS ONSEMI-NRTS1260PFS Datasheet
214Kb / 6P
Schottky Barrier Rectifier, Trench-based
February, 2020 - Rev. 0
NRVTS30120MFS ONSEMI-NRVTS30120MFS Datasheet
146Kb / 5P
Schottky Barrier Rectifier Trench-based, High Performance
April, 2021 - Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com