Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRTS8100PFS Datasheet(PDF) 4 Page - ON Semiconductor

Part # NRTS8100PFS
Description  Schottky Barrier Rectifier, Trench-based
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NRTS8100PFS Datasheet(HTML) 4 Page - ON Semiconductor

  NRTS8100PFS Datasheet HTML 1Page - ON Semiconductor NRTS8100PFS Datasheet HTML 2Page - ON Semiconductor NRTS8100PFS Datasheet HTML 3Page - ON Semiconductor NRTS8100PFS Datasheet HTML 4Page - ON Semiconductor NRTS8100PFS Datasheet HTML 5Page - ON Semiconductor NRTS8100PFS Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NRTS8100PFS, NRVTS8100PFS
www.onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 5. Forward Power Dissipation
IF(AV), AVERAGE FORWARD CURRENT (A)
8
2
0
0
1
3
5
7
46
2
4
6
8
Square Wave
(Duty = 0.5)
DC
TJ = 175°C
0.1
0.00001
PULSE TIME (s)
100
10
0.1
0.01
0.0001
0.001
0.01
1.0
10
100
0.000001
50% (DUTY CYCLE)
20%
10%
5.0%
2.0%
1.0%
SINGLE PULSE
1000
Figure 6. Typical Thermal Characteristics, Junction−to−Ambient
1
(Assumes 600 mm2, 1 oz. copper bond pad on a FR4 board)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com