Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRTS8100PFS Datasheet(PDF) 3 Page - ON Semiconductor

Part # NRTS8100PFS
Description  Schottky Barrier Rectifier, Trench-based
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NRTS8100PFS Datasheet(HTML) 3 Page - ON Semiconductor

  NRTS8100PFS Datasheet HTML 1Page - ON Semiconductor NRTS8100PFS Datasheet HTML 2Page - ON Semiconductor NRTS8100PFS Datasheet HTML 3Page - ON Semiconductor NRTS8100PFS Datasheet HTML 4Page - ON Semiconductor NRTS8100PFS Datasheet HTML 5Page - ON Semiconductor NRTS8100PFS Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NRTS8100PFS, NRVTS8100PFS
www.onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 1. Typical Instantaneous Forward
Characteristics
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
1.4
1.0
1.8
0.8
0.6
0.4
0.2
0
0.1
1
10
100
Figure 2. Typical Reverse Characteristics
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
80
60
50
40
30
20
10
0
1.E−06
Figure 3. Typical Junction Capacitance
VR, REVERSE VOLTAGE (V)
0.1
1
100
10,000
70
100
1.E−05
1.E−04
1.E−03
1.E−02
1.E−01
1.E+00
10
100
TA = 150°C TA = 125°C
TA = −55°C
TA = 85°C
TA = 175°C
TA = 125°C
TA = 25°C
Figure 4. Current Derating
TC, CASE TEMPERATURE (°C)
115
100
70
55
40
25
0
5
10
15
25
30
20
85
130
Square Wave
(Duty = 0.5)
DC
RqJC = 2.2°C/W
TJ = 175°C
TJ = 25°C
1.2
1.6
TA = 175°C
TA = 25°C
TA = 150°C
TA = 85°C
TA = −55°C
1.E−10
1.E−09
1.E−08
1.E−07
1.E−11
90
1000
10
1
35
40
145 160 175



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com