Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRTS8100PFS Datasheet(PDF) 1 Page - ON Semiconductor

Part # NRTS8100PFS
Description  Schottky Barrier Rectifier, Trench-based
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NRTS8100PFS Datasheet(HTML) 1 Page - ON Semiconductor

  NRTS8100PFS Datasheet HTML 1Page - ON Semiconductor NRTS8100PFS Datasheet HTML 2Page - ON Semiconductor NRTS8100PFS Datasheet HTML 3Page - ON Semiconductor NRTS8100PFS Datasheet HTML 4Page - ON Semiconductor NRTS8100PFS Datasheet HTML 5Page - ON Semiconductor NRTS8100PFS Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2019
August, 2020 − Rev. 1
1
Publication Order Number:
NRTS8100PFS/D
Schottky Barrier Rectifier,
Trench-based
NRTS8100PFS,
NRVTS8100PFS
This TO−277 trench Schottky rectifier provides fast switching
performance in a compact thermally efficient package. The TO−277
package provides an excellent alternative to the DPAK, offering
thermal performance nearly as good in a package occupying less than
half the board space. Its low profile makes it a good option for flat
panel display and other applications with limited vertical clearance.
The device offers low leakage over temperature making it a good
match for applications requiring low quiescent current.
Features
Package Provides Capability of Inspection and Probe After Board
Mounting
Low Forward Voltage Drop
175°C Operating Junction Temperature
NRV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Mechanical Characteristics:
Case: Epoxy, Molded
Epoxy Meets Flammability Rating UL 94−0 @ 0.125 in.
Lead Finish: 100% Matte Sn (Tin)
Lead and Mounting Surface Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
Device Meets MSL 1 Requirements
Applications
Excellent Alternative to DPAK in Space−Constrained Automotive
Applications
Low Leakage for Higher Temperature Operation
Output Rectification in Compact Portable Consumer Applications
Freewheeling Diode used with Inductive Loads
Device
Package
Shipping†
ORDERING INFORMATION
NRTS8100PFST3G
TO−277
(Pb−Free)
1500 /
Tape & Reel
SCHOTTKY BARRIER
RECTIFIER, 8 AMPERES
100 VOLTS
www.onsemi.com
MARKING DIAGRAM
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
NRVTS8100PFST3G
TO−277
(Pb−Free)
1500 /
Tape & Reel
3
Anode 1
Anode 2
Cathode
TO−277−3LD
CASE 340CZ
T08100
AWLYW
T08100 = Specific Device Code
A
= Assembly Location
Y
= Year
W
= Work Week
WL
= Wafer Lot
3
1
2


Similar Part No. - NRTS8100PFS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NRTS8100PFS ONSEMI-NRTS8100PFS Datasheet
202Kb / 6P
Schottky Barrier Rectifier, Trench-based
December, 2023 - Rev. 3
NRTS8100PFST3G ONSEMI-NRTS8100PFST3G Datasheet
202Kb / 6P
Schottky Barrier Rectifier, Trench-based
December, 2023 - Rev. 3
NRTS8100PFS ONSEMI-NRTS8100PFS_V01 Datasheet
202Kb / 6P
Schottky Barrier Rectifier, Trench-based
December, 2023 - Rev. 3
More results

Similar Description - NRTS8100PFS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NRVTSS3100E ONSEMI-NRVTSS3100E Datasheet
66Kb / 5P
Low Leakage Trench-based Schottky Rectifier
December, 2014 ??Rev. 0
NTSAF345 ONSEMI-NTSAF345 Datasheet
62Kb / 5P
Trench-based Schottky Rectifier
December, 2014 ??Rev. 0
NTSAF545 ONSEMI-NTSAF545 Datasheet
61Kb / 5P
Trench-based Schottky Rectifier
January, 2015 ??Rev. 1
NRTSAF360 ONSEMI-NRTSAF360 Datasheet
59Kb / 5P
Trench-based Schottky Rectifier
November, 2016 ??Rev. 1
NTSAF345 ONSEMI-NTSAF345_16 Datasheet
60Kb / 5P
Trench-based Schottky Rectifier
November, 2016 ??Rev. 2
NTSAF545 ONSEMI-NTSAF545_16 Datasheet
55Kb / 5P
Trench-based Schottky Rectifier
November, 2016 ??Rev. 2
NRTS10100PFS ONSEMI-NRTS10100PFS Datasheet
214Kb / 6P
Schottky Barrier Rectifier, Trench-based
February, 2020 ??Rev. 0
NRTS15100PFS ONSEMI-NRTS15100PFS Datasheet
201Kb / 7P
Schottky Barrier Rectifier, Trench-based
January, 2020 ??Rev. 0
NRTS1260PFS ONSEMI-NRTS1260PFS Datasheet
214Kb / 6P
Schottky Barrier Rectifier, Trench-based
February, 2020 - Rev. 0
NRVTS30120MFS ONSEMI-NRVTS30120MFS Datasheet
146Kb / 5P
Schottky Barrier Rectifier Trench-based, High Performance
April, 2021 - Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com