Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS93712 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS93712
Description  2 DIMM DDR Fanout Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS93712 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS93712 Datasheet HTML 1Page - Integrated Circuit Systems ICS93712 Datasheet HTML 2Page - Integrated Circuit Systems ICS93712 Datasheet HTML 3Page - Integrated Circuit Systems ICS93712 Datasheet HTML 4Page - Integrated Circuit Systems ICS93712 Datasheet HTML 5Page - Integrated Circuit Systems ICS93712 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
ICS93712
Advance Information
Byte6:OutputControl
(1= enable, 0 = disable)
Byte7:OutputControl
(1= enable, 0 = disable)
T
I
B#
N
I
PD
W
PN
O
I
T
P
I
R
C
S
E
D
7
t
i
B-
1
)
d
e
v
r
e
s
e
R
(
6
t
i
B-
0
)
d
e
v
r
e
s
e
R
(
5
t
i
B-
0
)
d
e
v
r
e
s
e
R
(
4
t
i
B-
0
)
d
e
v
r
e
s
e
R
(
3
t
i
B-
1
*
)
d
e
v
r
e
s
e
R
(
2
t
i
B6
2
,
7
21
5
C
R
D
D
,
5
T
R
D
D
1
t
i
B2
2
,
3
21
4
C
R
D
D
,
4
T
R
D
D
0
t
i
B8
1
,
9
11
3
C
R
D
D
,
3
T
R
D
D
T
I
B#
N
I
PD
W
PN
O
I
T
P
I
R
C
S
E
D
7
t
i
B-
1
*
d
e
v
r
e
s
e
R
6
t
i
B-
1
*
d
e
v
r
e
s
e
R
5
t
i
B-
1
*
d
e
v
r
e
s
e
R
4
t
i
B3
1
,
2
11
2
T
R
D
D
2
C
R
D
D
3
t
i
B-
1
*
d
e
v
r
e
s
e
R
2
t
i
B8
,
71
1
T
R
D
D
1
C
R
D
D
1
t
i
B-
1
*
d
e
v
r
e
s
e
R
0
t
i
B4
,
31
0
C
R
D
D
,
0
T
R
D
D
Note:
* For lower power consumption, these bits should be driven to 0.
T
I
B#
N
I
PD
W
PN
O
I
T
P
I
R
C
S
E
D
7
t
i
B-
1
d
e
v
r
e
s
e
R
6
t
i
B-
1
d
e
v
r
e
s
e
R
5
t
i
B-
1
d
e
v
r
e
s
e
R
4
t
i
B-
1
d
e
v
r
e
s
e
R
3
t
i
B-
1
d
e
v
r
e
s
e
R
2
t
i
B-
1
d
e
v
r
e
s
e
R
1
t
i
B-
1
d
e
v
r
e
s
e
R
0
t
i
B-
1
d
e
v
r
e
s
e
R
Byte 5: Reserved Register
(1= enable, 0 = disable)
Notes:
1. Refers to transition on noninverting output.
2. While the pulse skew is almost constant over frequency, the duty cycle error increases at
higher frequencies. This is due to the formula: duty cycle=twH/tc, were the cycle (tc)
decreases as the frequency goes up.
Switching Characteristics
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
Maximum Operating Frequency
66
200
MHz
Input clock duty cycle
dtin
40
60
%
Output to Output Skew
Tskew
100
ps
Pulse skew
Tskewp
100
ps
66MHz to 100MHz
48
52
%
101MHz to 167MHz
47
53
%
Rise Time, Fall Time
tr, tf
Load = 120
Ω/16pF
650
950
ps
Duty cycle
DC
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com