Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS93712 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS93712
Description  2 DIMM DDR Fanout Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS93712 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS93712 Datasheet HTML 1Page - Integrated Circuit Systems ICS93712 Datasheet HTML 2Page - Integrated Circuit Systems ICS93712 Datasheet HTML 3Page - Integrated Circuit Systems ICS93712 Datasheet HTML 4Page - Integrated Circuit Systems ICS93712 Datasheet HTML 5Page - Integrated Circuit Systems ICS93712 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Integrated
Circuit
Systems, Inc.
ICS93712
Advance Information
Block Diagram
2 DIMM DDR Fanout Buffer
93712 Rev - 9/08/00
Pin Configuration
28-Pin SSOP
RecommendedApplication:
DDR fan out buffer for VIA PRO 266 DDR chipset
Product Description/Features:
•
Low skew, fanout buffer
•
1 to 6 differential clock distribution
•I2C for functional and output control
•
Feedback pin for input to output synchronization
•
Supports up to 2 DDR DIMMs
•
Frequency support for up to 400MHz DDR, SDRAMs
•
CMOS level control signal input
Switching Characteristics:
•
OUTPUT - OUTPUT skew: <100ps
•
Output Rise and Fall Time for DDR outputs: 650ps - 950ps
•
DUTYCYCLE:47%-53%
•
Pulse Skew: <100ps
ADVANCE INFORMATION documents contain information on products
in the formative or design phase development. Characteristic data and
other specifications are design goals. ICS reserves the right to change or
discontinue these products without notice.
SCLK
SDATA
BUF_IN
Control
Logic
FB_OUT
DDRT0
DDRT1
DDRT1
DDRT3
DDRT4
DDRT5
DDRC0
DDRC1
DDRC2
DDRC3
DDRC4
DDRC5
FBOUT
GND
DDRT0
DDRC0
VDD2.5
GND
DDRT1
DDRC1
VDD2.5
BUF_IN
GND
DDRT2
DDRC2
VDD2.5
GND
DDRT5
DDRC5
VDD2.5
GND
DDRT4
DDRC4
VDD2.5
GND
DDRT3
DDRC3
VDD2.5
SCLK
SDATA
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15


Similar Part No. - ICS93712

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS93716 ICST-ICS93716 Datasheet
89Kb / 12P
Low Cost DDR Phase Lock Loop Clock Driver
logo
Renesas Technology Corp
ICS93716 RENESAS-ICS93716 Datasheet
319Kb / 14P
Low Cost DDR Phase Lock Loop Clock Driver
2019
logo
Integrated Circuit Syst...
ICS93716YF-T ICST-ICS93716YF-T Datasheet
89Kb / 12P
Low Cost DDR Phase Lock Loop Clock Driver
ICS93716YG-T ICST-ICS93716YG-T Datasheet
89Kb / 12P
Low Cost DDR Phase Lock Loop Clock Driver
ICS93718 ICST-ICS93718 Datasheet
104Kb / 8P
DDR and SDRAM Buffer
More results

Similar Description - ICS93712

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP11 ONSEMI-MC10EP11 Datasheet
85Kb / 8P
1:2 Differential Fanout Buffer
November, 2003 ??Rev. 6
logo
Cypress Semiconductor
W40S11-02 CYPRESS-W40S11-02 Datasheet
167Kb / 11P
SDRAM Buffer - 2 DIMM (Mobile)
September 29, 1999, rev
logo
Winbond
W83176R-735 WINBOND-W83176R-735 Datasheet
238Kb / 11P
3 DIMM DDR ZERO DELAY BUFFER FOR SIS CHIPSET
logo
PhaseLink Corporation
PLL103-07 PLL-PLL103-07 Datasheet
144Kb / 7P
2 DIMM DDR Fanout Buffer
logo
Winbond
W83176R-735 WINBOND-W83176R-735_06 Datasheet
245Kb / 13P
DIMM DDR ZERO DELAY BUFFER
logo
SpectraLinear Inc
W40S11-02 SPECTRALINEAR-W40S11-02 Datasheet
129Kb / 9P
SDRAM Buffer - 2 DIMM (Mobile)
logo
Winbond
W83176R-732 WINBOND-W83176R-732_06 Datasheet
402Kb / 12P
2 DIMM DDR ZERO DELAY buffer for Sis chipset
logo
Micrel Semiconductor
SY10EL11V MICREL-SY10EL11V_10 Datasheet
247Kb / 8P
1:2 DIFFERENTIAL FANOUT BUFFER
logo
Semtech Corporation
SK10EL11WD SEMTECH-SK10EL11WD Datasheet
131Kb / 6P
1:2 Differential Fanout Buffer
logo
Motorola, Inc
MC10EL11 MOTOROLA-MC10EL11 Datasheet
61Kb / 3P
1:2 DIFFERENTIAL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com