Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS93712 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS93712
Description  2 DIMM DDR Fanout Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS93712 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS93712 Datasheet HTML 1Page - Integrated Circuit Systems ICS93712 Datasheet HTML 2Page - Integrated Circuit Systems ICS93712 Datasheet HTML 3Page - Integrated Circuit Systems ICS93712 Datasheet HTML 4Page - Integrated Circuit Systems ICS93712 Datasheet HTML 5Page - Integrated Circuit Systems ICS93712 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
ICS93712
Advance Information
Absolute Maximum Ratings
Supply Voltage (VDD) . . . . . . . . . . . . . . . . . . . . . -0.5V to 3.6V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND –0.5 V to VDD +0.5 V
Ambient Operating Temperature . . . . . . . . . . . . 0°C to +85°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are
stress specifications only and functional operation of the device at these or any other conditions above those listed in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods
may affect product reliability.
Ele ctrical Characte ristics - Input/Supply /Com m on Output Param e te rs
TA = 0 - 85C; Supply Voltage VDD = 2.5 V +/- 0.2V (unless otherwise stated)
PARAM ETER
SYM B OL
CONDITIONS
M IN
TYP
M AX
UNITS
Input High C urrent
IIH
VI = VDD or GND
µA
Input Low Current
IIL
VI = VDD or GND
µA
IDD2.5
CL = 0pf
mA
IDDPD
CL = 0pf
100
µA
Output High Current
IOH
VDD = 2.3V, VOUT = 1V
-18
mA
Output Low Current
IOL
VDD = 2.3V, VOUT = 1.2V
26
mA
VDD = min to max,
IOH = -1 mA
V
VDD = 2.3V,
IOH = -12 mA
V
VDD = min to max
IOL=1 mA
0.1
VDD = 2.3V
IOH=12 mA
0.6
V
Input Capacitance
1
CIN
VI = GND or VDD
2
pF
1 Guaranteed by design, not 100% tested in production.
Operating Supply Current
High-level output
voltage
VOH
Low-level output voltage
VOL
Re com m e nde d Ope rating Condition
TA = 0 - 85C; Supply Voltage AVDD, VDD = 2.5 V +/- 0.2V (unless otherwise stated)
PARAM ETER
SYM BOL
CONDITIONS
M IN
TYP
M AX
UNITS
Power Supp ly Voltage
VDD
2.3
2.5
2.7
V
Input High Voltage
VIH
OE input
V
Input Low Voltage
VIL
OE input
V
Input voltage level
VIN
V
Output differential-pair
crossing voltage
VOC
V
1 Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com