Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950810 Datasheet(PDF) 12 Page - Integrated Circuit Systems

Part # ICS950810
Description  Frequency Generator with 200MHz Differential CPU Clocks
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950810 Datasheet(HTML) 12 Page - Integrated Circuit Systems

Back Button ICS950810 Datasheet HTML 8Page - Integrated Circuit Systems ICS950810 Datasheet HTML 9Page - Integrated Circuit Systems ICS950810 Datasheet HTML 10Page - Integrated Circuit Systems ICS950810 Datasheet HTML 11Page - Integrated Circuit Systems ICS950810 Datasheet HTML 12Page - Integrated Circuit Systems ICS950810 Datasheet HTML 13Page - Integrated Circuit Systems ICS950810 Datasheet HTML 14Page - Integrated Circuit Systems ICS950810 Datasheet HTML 15Page - Integrated Circuit Systems ICS950810 Datasheet HTML 16Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
12
ICS950810
0472F—01/12/04
Pin #
Name
0
1
PWD
Bit 7
-
-
(Reserved)
-
-
-
0
Bit 6
18
PCICLK6
Output control
RW
Disable Enable
1
Bit 5
17
PCICLK5
Output control
RW
Disable Enable
1
Bit 4
16
PCICLK4
Output control
RW
Disable Enable
1
Bit 3
13
PCICLK3
Output control
RW
Disable Enable
1
Bit 2
12
PCICLK2
Output control
RW
Disable Enable
1
Bit 1
11
PCICLK1
Output control
RW
Disable Enable
1
Bit 0
10
PCICLK0
Output control
RW
Disable Enable
1
BYTE
2
Control Function
Affected Pin
Type
Bit Control
Pin #
Name
0
1
PWD
Bit 7
38
48MHz_DOT
Output control
RW
Disable Enable
1
Bit 6
39
48MHz_USB
Output control
RW
Disable Enable
1
Bit 5
7
PCICLK_F2
Allow control of output with
assertion of PCI_STOP#.
RW
Freerun
Not
Freerun
0
Bit 4
6
PCICLK_F1
Allow control of output with
assertion of PCI_STOP#.
RW
Freerun
Not
Freerun
0
Bit 3
5
PCICLK_F0
Allow control of output with
assertion of PCI_STOP#.
RW
Freerun
Not
Freerun
0
Bit 2
7
PCICLK_F2
Output control
RW
Disable Enable
1
Bit 1
6
PCICLK_F1
Output control
RW
Disable Enable
1
Bit 0
5
PCICLK_F0
Output control
RW
Disable Enable
1
Control Function
BYTE
3
Affected Pin
Bit Control
Type
Pin #
Name
0
1
PWD
Bit 7
-
-
(Reserved)
RW
Disable Enable
0
Bit 6
-
-
(Reserved)
RW
Disable Enable
0
Bit 5
33
3V66_0
Output control
RW
Disable Enable
1
Bit 4
35
3V66_1/VCH_CLK
Output control
RW
Disable Enable
1
Bit 3
24
3V66_5
Output control
RW
Disable Enable
1
Bit 2
23
3V66_4
Output control
RW
Disable Enable
1
Bit 1
22
3V66_3
Output control
RW
Disable Enable
1
Bit 0
21
3V66_2
Output control
RW
Disable Enable
1
Type
Bit Control
Control Function
Affected Pin
BYTE
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com