Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950810 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS950810
Description  Frequency Generator with 200MHz Differential CPU Clocks
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950810 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS950810 Datasheet HTML 1Page - Integrated Circuit Systems ICS950810 Datasheet HTML 2Page - Integrated Circuit Systems ICS950810 Datasheet HTML 3Page - Integrated Circuit Systems ICS950810 Datasheet HTML 4Page - Integrated Circuit Systems ICS950810 Datasheet HTML 5Page - Integrated Circuit Systems ICS950810 Datasheet HTML 6Page - Integrated Circuit Systems ICS950810 Datasheet HTML 7Page - Integrated Circuit Systems ICS950810 Datasheet HTML 8Page - Integrated Circuit Systems ICS950810 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
ICS950810
0472F—01/12/04
Power Management
PD#
CPU_STOP#
PCI_STOP#
VCO
CPU
CPU#
PCICLK
3v66
48MHz
REF
0
X
X
STOP
Iref*2
FLOAT
LOW
LOW
LOW
LOW
1
1
1
RUN
RUN
RUN
RUN
RUN
RUN
RUN
1
0
1
RUN
Iref*2
FLOAT
RUN
RUN
RUN
RUN
1
1
0
RUN
RUN
RUN
LOW
RUN
RUN
RUN
1
1
1
RUN
RUN
RUN
RUN
RUN
RUN
RUN
Note: PCI_F is not affected by PCI_STOP# and CPU_STOP#
State
Byte0 bit6
PD#
Byte1bit6
Cpu_stop#
Pin
PD#
Pin
Cpu_Stop#
Stoppable
CPU outputs
Free-Running
CPU outputs
0
0
0
1
1
Running
Running
1
0
0
1
0
Irefx6
Running
2
0
0
0
1
Irefx2
Irefx2
3
0
0
0
0
Irefx2
Irefx2
4
0
1
1
1
Running
Running
5
0
1
1
0
Hi-Z
Running
60
1
0
1
Hi-Z
Irefx2
70
1
0
0
Hi-Z
Irefx2
8
1
0
1
1
Running
Running
9
1
0
1
0
Irefx6
Running
10
1
0
0
1
Hi-Z
Hi-Z
11
1
0
0
0
Hi-Z
Hi-Z
12
1
1
1
1
Running
Running
13
1
1
1
0
Hi-Z
Running
14
1
1
0
1
Hi-Z
Hi-Z
15
1
1
0
0
Hi-Z
Hi-Z
Tri-State Control of CPU Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com