Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950810 Datasheet(PDF) 13 Page - Integrated Circuit Systems

Part # ICS950810
Description  Frequency Generator with 200MHz Differential CPU Clocks
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950810 Datasheet(HTML) 13 Page - Integrated Circuit Systems

Back Button ICS950810 Datasheet HTML 9Page - Integrated Circuit Systems ICS950810 Datasheet HTML 10Page - Integrated Circuit Systems ICS950810 Datasheet HTML 11Page - Integrated Circuit Systems ICS950810 Datasheet HTML 12Page - Integrated Circuit Systems ICS950810 Datasheet HTML 13Page - Integrated Circuit Systems ICS950810 Datasheet HTML 14Page - Integrated Circuit Systems ICS950810 Datasheet HTML 15Page - Integrated Circuit Systems ICS950810 Datasheet HTML 16Page - Integrated Circuit Systems ICS950810 Datasheet HTML 17Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13
ICS950810
0472F—01/12/04
Pin #
Name
0
1
PWD
Bit 7
X
-
(Reserved)
-
-
-
0
Bit 6
X
-
(Reserved)
-
-
-
0
Bit 5
X
-
(Reserved)
-
-
-
0
Bit 4
X
-
(Reserved)
-
-
-
0
Bit 3
X
-
(Reserved)
-
-
-
0
Bit 2
X
-
(Reserved)
-
-
-
0
Bit 1
X
-
(Reserved)
-
-
-
0
Bit 0
X
-
(Reserved)
-
-
-
0
Affected Pin
Type
Bit Control
BYTE
5
Control Function
Pin #
Name
0
1
PWD
Bit 7
X
Revision ID Bit 3
(Reserved)
R
-
-
1
Bit 6
X
Revision ID Bit 2
(Reserved)
R
-
-
1
Bit 5
X
Revision ID Bit 1
(Reserved)
R
-
-
1
Bit 4
X
Revision ID Bit 0
(Reserved)
R
-
-
1
Bit 3
X
Vendor ID Bit 3
(Reserved)
R
-
-
1
Bit 2
X
Vendor ID Bit 2
(Reserved)
R
-
-
1
Bit 1
X
Vendor ID Bit 1
(Reserved)
R
-
-
1
Bit 0
X
Vendor ID Bit 0
(Reserved)
R
-
-
1
Affected Pin
Type
Bit Control
BYTE
6
Control Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com