Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4096-2ARMZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADA4096-2ARMZ
Description  30 V, Micropower, Overvoltage Protection, Rail-to-Rail Input/Output Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4096-2ARMZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADA4096-2ARMZ Datasheet HTML 4Page - Analog Devices ADA4096-2ARMZ Datasheet HTML 5Page - Analog Devices ADA4096-2ARMZ Datasheet HTML 6Page - Analog Devices ADA4096-2ARMZ Datasheet HTML 7Page - Analog Devices ADA4096-2ARMZ Datasheet HTML 8Page - Analog Devices ADA4096-2ARMZ Datasheet HTML 9Page - Analog Devices ADA4096-2ARMZ Datasheet HTML 10Page - Analog Devices ADA4096-2ARMZ Datasheet HTML 11Page - Analog Devices ADA4096-2ARMZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADA4096-2/ADA4096-4
Data Sheet
Figure 6. 14-Lead TSSOP (RU-14), ADA4096-4
Figure 7. 16-Lead LFCSP (CP-16-27), ADA4096-4
Table 8. Pin Function Descriptions, ADA4096-4
Pin No.1
Mnemonic
Description
14-Lead TSSOP
16-Lead LFCSP
1
15
OUTA
Output Channel A.
2
1
−INA
Negative Input Channel A.
3
2
+INA
Positive Input Channel A.
4
3
V+
Positive Supply Voltage.
5
4
+INB
Positive Input Channel B.
6
5
−INB
Negative Input Channel B.
7
6
OUTB
Output Channel B.
8
7
OUTC
Output Channel C.
9
8
−INC
Negative Input Channel C.
10
9
+INC
Positive Input Channel C.
11
10
V−
Negative Supply Voltage.
12
11
+IND
Positive Input Channel D.
13
12
−IND
Negative Input Channel D.
14
14
OUTD
Output Channel D.
N/A
13
NIC
No Internal Connection.
N/A
16
NIC
No Internal Connection.
N/A
EP2
EPAD
Exposed Pad.2 For the ADA4096-4 (16-lead LFCSP only), connect the exposed pad to V−.
1
N/A means not applicable.
2
The exposed pad is not shown in the pin configuration diagram.
ADA4096-4
1
2
3
4
5
6
7
–INA
+INA
V+
OUTB
–INB
+INB
OUTA
14
13
12
11
10
9
8
–IND
+IND
V–
OUTC
–INC
+INC
OUTD
TOP VIEW
(Not to Scale)
12
11
10
1
3
4
–IND
+IND
V–
9
+INC
–INA
V+
2
+INA
+INB
TOP
VIEW
ADA4096-4
NOTES
1. NIC = NOT INTERNALLY CONNECTED.
2. CONNECT THE EXPOSED PAD TO V–.
Rev. F | Page 8 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com