Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4096-2ARMZ Datasheet(PDF) 2 Page - Analog Devices

Part # ADA4096-2ARMZ
Description  30 V, Micropower, Overvoltage Protection, Rail-to-Rail Input/Output Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4096-2ARMZ Datasheet(HTML) 2 Page - Analog Devices

  ADA4096-2ARMZ Datasheet HTML 1Page - Analog Devices ADA4096-2ARMZ Datasheet HTML 2Page - Analog Devices ADA4096-2ARMZ Datasheet HTML 3Page - Analog Devices ADA4096-2ARMZ Datasheet HTML 4Page - Analog Devices ADA4096-2ARMZ Datasheet HTML 5Page - Analog Devices ADA4096-2ARMZ Datasheet HTML 6Page - Analog Devices ADA4096-2ARMZ Datasheet HTML 7Page - Analog Devices ADA4096-2ARMZ Datasheet HTML 8Page - Analog Devices ADA4096-2ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ADA4096-2/ADA4096-4
Data Sheet
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Pin Connection Diagrams............................................................... 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Electrical Specifications, VSY = ±1.5 V....................................... 3
Electrical Specifications, VSY = ±5 V.......................................... 4
Electrical Specifications, VSY = ±15 V........................................ 5
Absolute Maximum Ratings............................................................ 6
Thermal Resistance ...................................................................... 6
ESD Caution.................................................................................. 6
Pin Configurations and Function Descriptions ........................... 7
Typical Performance Characteristics ..............................................9
±1.5 V Characteristics ..................................................................9
±5 V Characteristics................................................................... 12
±15 V Characteristics ................................................................ 15
Comparative Voltage and Variable Voltage Graphs............... 18
Theory of Operation ...................................................................... 19
Input Stage................................................................................... 19
Phase Inversion........................................................................... 19
Input Overvoltage Protection................................................... 20
Comparator Operation.............................................................. 20
Outline Dimensions....................................................................... 21
Ordering Guide .......................................................................... 23
Automotive Products................................................................. 23
REVISION HISTORY
12/14—Rev. E to Rev. F
Changes to EPAD Note, Figure 2 ................................................... 1
Changes to EPAD Note, Figure 5 and Table 7 .............................. 7
Changes to EPAD Note, Figure 7 and Table 8 .............................. 8
3/14—Rev. D to Rev. E
Changes to Figure 10 and Figure 12............................................... 9
Changes to Figure 23 and Figure 25............................................. 12
Changes to Figure 36 and Figure 38............................................. 15
5/13—Rev. C to Rev. D
Changes to Pin Connection Diagrams Section ............................ 1
Changes to Pin Configurations and Function Descriptions
Section................................................................................................ 7
Added Figure 10, Renumbered Sequentially ................................ 9
Added Figure 23.............................................................................. 12
Added Figure 36.............................................................................. 15
8/12—Rev. B to Rev. C
Changes to Table 8............................................................................ 8
8/12—Rev. A to Rev. B
Added ADA4096-4.............................................................Universal
Changes to Features Section............................................................ 1
Added Figure 3.................................................................................. 1
Changes to Pin Connection Diagrams Section ............................ 1
Changes to Input Bias Current, Common-Mode Rejection
Ratio, Large Signal Voltage Gain, and Supply Current per
Amplifier Parameters, and −3 dB Closed-Loop Bandwidth
Symbol, Table 2..................................................................................3
Changes to Input Bias Current, Common-Mode Rejection
Ratio, Large Signal Voltage Gain, and Parameters, and −3 dB
Closed-Loop Bandwidth Symbol, Table 3......................................4
Changes to Input Bias Current, Common-Mode Rejection
Ratio, Large Signal Voltage Gain, Output Voltage High, and
Output Voltage Low Parameters, and −3 dB Closed-Loop
Bandwidth Symbol, Table 4..............................................................5
Changes to Table 6.............................................................................7
Added Pin Configurations and Function Descriptions
Section.................................................................................................8
Added Figure 4 and Figure 5, Renumbered Sequentially ............8
Added Table 7, Renumbered Sequentially .....................................8
Added Figure 6, Figure 7, and Table 8............................................9
Updated Outline Dimensions....................................................... 18
Changes to Ordering Guide.......................................................... 20
3/12—Rev. 0 to Rev. A
Changed −3 dB Closed-Loop Bandwidth from 97 kHz to
970 kHz, Table 2.................................................................................3
Changed −3 dB Closed-Loop Bandwidth from 114 kHz to
1140 kHz, Table 3 ..............................................................................4
Changed to −3 dB Closed-Loop Bandwidth from 152 kHz to
1520 kHz, Table 4 ..............................................................................5
Updated Outline Dimensions....................................................... 18
7/11—Revision 0: Initial Version
Rev. F | Page 2 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com