Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4096-2ARMZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4096-2ARMZ
Description  30 V, Micropower, Overvoltage Protection, Rail-to-Rail Input/Output Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4096-2ARMZ Datasheet(HTML) 1 Page - Analog Devices

  ADA4096-2ARMZ Datasheet HTML 1Page - Analog Devices ADA4096-2ARMZ Datasheet HTML 2Page - Analog Devices ADA4096-2ARMZ Datasheet HTML 3Page - Analog Devices ADA4096-2ARMZ Datasheet HTML 4Page - Analog Devices ADA4096-2ARMZ Datasheet HTML 5Page - Analog Devices ADA4096-2ARMZ Datasheet HTML 6Page - Analog Devices ADA4096-2ARMZ Datasheet HTML 7Page - Analog Devices ADA4096-2ARMZ Datasheet HTML 8Page - Analog Devices ADA4096-2ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
30 V, Micropower, Overvoltage Protection,
Rail-to-Rail Input/Output Amplifiers
Data Sheet
ADA4096-2/ADA4096-4
FEATURES
Input overvoltage protection, 32 V above and below the
supply rails
No phase reversal for input voltage up to ±32 V beyond the
power supply
Rail-to-rail input and output swing
Low power: 60 µA per amplifier typical
Unity-gain bandwidth
800 kHz typical at VSY = ±15 V
550 kHz typical at VSY = ±5 V
465 kHz typical at VSY = ±1.5 V
Single-supply operation: 3 V to 30 V
Low offset voltage: 300 µV maximum
Large signal voltage gain: 120 dB typical
Unity gain stable
Qualified for automotive applications
APPLICATIONS
Battery monitoring
Sensor conditioners
Portable power supply controls
Portable instrumentation
PIN CONNECTION DIAGRAMS
Figure 1. 8-Lead, MSOP (RM-8), ADA4096-2
Figure 2. 8-Lead LFCSP (CP-8-10), ADA4096-2
Note: For the ADA4096-4, see the Pin Configurations and
Function Descriptions section.
GENERAL DESCRIPTION
The ADA4096-2 dual and ADA4096-4 quad operational
amplifiers feature micropower operation and rail-to-rail input
and output ranges. The extremely low power requirements and
guaranteed operation from 3 V to 30 V make these amplifiers
perfectly suited to monitor battery usage and to control battery
charging. Their dynamic performance, including 27 nV/√Hz
voltage noise density, recommends them for battery-powered
audio applications. Capacitive loads to 200 pF are handled
without oscillation.
The ADA4096-2 and ADA4096-4 have overvoltage protection
inputs and diodes that allow the voltage input to extend 32 V
above and below the supply rails, making this device ideal for
robust industrial applications. The ADA4096-2 and ADA4096-4
feature a unique input stage that allows the input voltage to
exceed either supply safely without any phase reversal or latch-
up; this is called overvoltage protection, or OVP.
The dual ADA4096-2 is available in 8-lead LFCSP (2 mm ×
2 mm) and 8-lead MSOP packages. The ADA4096-2 is available
in 16-lead LFCSP (3 mm × 3 mm) and 14-lead TSSOP
packages. The ADA4096-2W is qualified for automotive
applications and is available in an 8-lead MSOP package.
Figure 3. No Phase Reversal
The ADA409x family is specified over the extended industrial
temperature range of (−40°C to +125°C) and is part of the
growing selection of 30 V, low power op amps from Analog
Devices, Inc. (see Table 1).
Table 1. Low Power, 30 V Operational Amplifiers
Op Amp
Rail-to-Rail I/O
PJFET
Low Noise
Dual
ADA4091-2
AD8682
AD8622
Quad
ADA4091-4
AD8684
AD8624
OUTA
1
–INA
2
+INA
3
V–
4
V+
8
OUTB
7
–INB
6
+INB
5
ADA4096-2
TOP VIEW
(Not to Scale)
V+
OUTB
–INB
+INB
ADA4096-2
TOP VIEW
(Not to Scale)
3
+INA
4
V–
1
OUTA
2
–INA
6
5
8
7
NOTES
1. CONNECT THE EXPOSED PAD
TO V–.
CH1 10.0V
CH2 10.0V
M2.00ms
A CH1
–3.6V
T
34.20%
1
T
Rev. F
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2011–2014 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com


Similar Part No. - ADA4096-2ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4096-2ARMZ AD-ADA4096-2ARMZ Datasheet
550Kb / 20P
30 V, Micropower, Overvoltage Protection
REV. A
ADA4096-2ARMZ AD-ADA4096-2ARMZ Datasheet
631Kb / 25P
30 V, Micropower, Overvoltage Protection, Rail-to-Rail Input/Output Amplifiers
Rev. G
ADA4096-2ARMZ-R7 AD-ADA4096-2ARMZ-R7 Datasheet
550Kb / 20P
30 V, Micropower, Overvoltage Protection
REV. A
ADA4096-2ARMZ-R7 AD-ADA4096-2ARMZ-R7 Datasheet
631Kb / 25P
30 V, Micropower, Overvoltage Protection, Rail-to-Rail Input/Output Amplifiers
Rev. G
ADA4096-2ARMZ-RL AD-ADA4096-2ARMZ-RL Datasheet
550Kb / 20P
30 V, Micropower, Overvoltage Protection
REV. A
More results

Similar Description - ADA4096-2ARMZ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS931 STMICROELECTRONICS-TS931 Datasheet
129Kb / 14P
OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
May-2000
TS941 STMICROELECTRONICS-TS941 Datasheet
124Kb / 14P
OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
May-2000
logo
Analog Devices
OP196 AD-OP196 Datasheet
337Kb / 16P
Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV.B
logo
STMicroelectronics
TS931 STMICROELECTRONICS-TS931_04 Datasheet
242Kb / 15P
OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
Dec-2004
TS941 STMICROELECTRONICS-TS941_04 Datasheet
223Kb / 18P
OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
Dec-2004
logo
Analog Devices
OP196 AD-OP196_02 Datasheet
287Kb / 16P
Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. C
logo
STMicroelectronics
TS941 STMICROELECTRONICS-TS941_08 Datasheet
266Kb / 19P
Output rail-to-rail micropower operational amplifiers
09-Apr-2008
logo
Analog Devices
ADA4096-2 AD-ADA4096-2 Datasheet
313Kb / 5P
36V, Micropower, Overvoltage Protection, Rail-to-Rail I/O Amplifiers
Rev. PrB
ADA4096-2_1107 AD-ADA4096-2_1107 Datasheet
738Kb / 20P
30 V, Micropower, Overvoltage Protection, Rail-to-Rail Input/Output Amplifier
REV. 0
ADA4096-2_VA AD-ADA4096-2_VA Datasheet
550Kb / 20P
30 V, Micropower, Overvoltage Protection, Rail-to-Rail Input/Output Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com