Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4638-1ARZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADA4638-1ARZ-R7
Description  30 V Zero-Drift, Rail-to-Rail Output Precision Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4638-1ARZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA4638-1ARZ-R7 Datasheet HTML 5Page - Analog Devices ADA4638-1ARZ-R7 Datasheet HTML 6Page - Analog Devices ADA4638-1ARZ-R7 Datasheet HTML 7Page - Analog Devices ADA4638-1ARZ-R7 Datasheet HTML 8Page - Analog Devices ADA4638-1ARZ-R7 Datasheet HTML 9Page - Analog Devices ADA4638-1ARZ-R7 Datasheet HTML 10Page - Analog Devices ADA4638-1ARZ-R7 Datasheet HTML 11Page - Analog Devices ADA4638-1ARZ-R7 Datasheet HTML 12Page - Analog Devices ADA4638-1ARZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
ADA4638-1
Data Sheet
Rev. 0 | Page 8 of 24
–10
–8
–6
–4
–2
0
2
4
6
8
10
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
COMMON-MODE VOLTAGE (V)
VSY = ±2.5V
Figure 9. Input Offset Voltage vs. Common-Mode Voltage
–150
–100
–50
0
50
100
150
200
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
IB+
IB–
VSY = ±2.5V
Figure 10. Input Bias Current vs. Temperature
–150
–100
–50
0
50
100
150
0
0.5
1.0
1.5
2.0
2.5
3.0
COMMON-MODE VOLTAGE (V)
IB+
IB–
VSY = ±2.5V
Figure 11. Input Bias Current vs. Common-Mode Voltage
–10
–8
–6
–4
–2
0
2
4
6
8
10
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30
COMMON-MODE VOLTAGE (V)
VSY =±15V
Figure 12. Input Offset Voltage vs. Common-Mode Voltage
–250
–200
–150
–100
–50
0
50
100
150
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
IB+
IB–
VSY = ±15V
Figure 13. Input Bias Current vs. Temperature
–150
–100
–50
0
50
100
150
COMMON-MODE VOLTAGE (V)
IB+
IB–
VSY =±15V
0
3
6
9
12
1518212427
Figure 14. Input Bias Current vs. Common-Mode Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com