Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4638-1ARZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADA4638-1ARZ-R7
Description  30 V Zero-Drift, Rail-to-Rail Output Precision Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4638-1ARZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADA4638-1ARZ-R7 Datasheet HTML 15Page - Analog Devices ADA4638-1ARZ-R7 Datasheet HTML 16Page - Analog Devices ADA4638-1ARZ-R7 Datasheet HTML 17Page - Analog Devices ADA4638-1ARZ-R7 Datasheet HTML 18Page - Analog Devices ADA4638-1ARZ-R7 Datasheet HTML 19Page - Analog Devices ADA4638-1ARZ-R7 Datasheet HTML 20Page - Analog Devices ADA4638-1ARZ-R7 Datasheet HTML 21Page - Analog Devices ADA4638-1ARZ-R7 Datasheet HTML 22Page - Analog Devices ADA4638-1ARZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
ADA4638-1
Data Sheet
Rev. 0 | Page 18 of 24
TIME (2µs/DIV)
VSY = ±15V
VOUT
RL =10kΩ
VIN
Figure 58. No Phase Reversal
NOISE CONSIDERATIONS
1/f Noise
1/f noise, also known as pink noise or flicker noise, is inherent
in semiconductor devices and increases as frequency decreases.
At low frequency, 1/f noise is a major noise contributor and
causes a significant output voltage offset when amplified by the
noise gain of the circuit. However, the ADA4638-1 eliminates
the 1/f noise internally, thus making it an excellent choice for dc
or low frequency high precision applications. The 0.1 Hz to
10 Hz voltage noise is only 1.2 μV p-p at ±15 V of supply voltage.
The low frequency 1/f noise appears as a slow varying offset to
the ADA4638-1 and is greatly reduced by the combination of
auto-zeroing and chopping technique. This allows the ADA4638-1
to have a much lower noise at dc and low frequency in comparison
to standard low noise amplifiers that are susceptible to 1/f noise.
Figure 47 and Figure 50 show the voltage noise density of the
ADA4638-1 with no 1/f noise.
COMPARATOR OPERATION
Op amps are designed to operate in a closed-loop configuration
with feedback from its output to its inverting input. Figure 59
shows the ADA4638-1 configured as a voltage follower with an
input voltage, which is kept at midpoint of the power supplies.
A1 and A2 indicate the placement of ammeters to measure supply
currents. ISY+ refers to the current flowing into the positive
supply pin of the op amp, and ISY− refers to the current flowing
out of the negative supply pin of the op amp. From Figure 60, as
expected in normal operating condition, the current flowing
into the op amp is equivalent to the current flowing out of the op
amp, where ISY+ = ISY−.
ADA4638-1
A1
100kΩ
100kΩ
ISY+
+VSY
VOUT
–VSY
ISY–
A2
Figure 59. Voltage Follower
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
0
5
10
15
20
25
30
VSY (V)
ISY+
ISY–
Figure 60. Supply Current vs. Supply Voltage (Voltage Follower)
In contrast to op amps, comparators are designed to work in an
open-loop configuration and to drive logic circuits. Although
op amps are different from comparators, occasionally an unused
section of a dual op amp is used as a comparator to save board
space and cost; however, this is not recommended.
Figure 61 and Figure 62 show the ADA4638-1 configured as
a comparator, with resistors RIN1 and RIN2 in series with the
input pins.
ADA4638-1
A3
ITOTAL+
A1
ISY+
RIN1
+VSY
VOUT
–VSY
IINPUT+
RIN2
IINPUT–
A2
ISY–
A4
ITOTAL–
Figure 61. Comparator A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com