Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4638-1ARZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADA4638-1ARZ-R7
Description  30 V Zero-Drift, Rail-to-Rail Output Precision Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4638-1ARZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA4638-1ARZ-R7 Datasheet HTML 6Page - Analog Devices ADA4638-1ARZ-R7 Datasheet HTML 7Page - Analog Devices ADA4638-1ARZ-R7 Datasheet HTML 8Page - Analog Devices ADA4638-1ARZ-R7 Datasheet HTML 9Page - Analog Devices ADA4638-1ARZ-R7 Datasheet HTML 10Page - Analog Devices ADA4638-1ARZ-R7 Datasheet HTML 11Page - Analog Devices ADA4638-1ARZ-R7 Datasheet HTML 12Page - Analog Devices ADA4638-1ARZ-R7 Datasheet HTML 13Page - Analog Devices ADA4638-1ARZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Data Sheet
ADA4638-1
Rev. 0 | Page 9 of 24
0.01m
0.1m
1m
0.01
0.1
1
10
0.001
0.01
0.1
1
10
100
LOAD CURRENT (mA)
–40°C
+25°C
+85°C
+125°C
VSY = ±2.5V
Figure 15. Output Voltage (VOL) to Supply Rail vs. Load Current
0.01m
0.1m
1m
0.01
0.1
1
10
0.001
0.01
0.1
1
10
100
LOAD CURRENT (mA)
–40°C
+25°C
+85°C
+125°C
VSY = ±2.5V
Figure 16. Output Voltage (VOH) to Supply Rail vs. Load Current
0
10
20
30
40
50
60
70
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
RL = 2kΩ
RL = 10kΩ
RL = 100kΩ
VSY = ±2.5V
Figure 17. Output Voltage (VOL) to Supply Rail vs. Temperature
0.001
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
100
LOAD CURRENT (mA)
–40°C
+25°C
+85°C
+125°C
VSY = ±15V
Figure 18. Output Voltage (VOL) to Supply Rail vs. Load Current
1m
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
100
LOAD CURRENT (mA)
–40°C
+25°C
+85°C
+125°C
VSY = ±15V
Figure 19. Output Voltage (VOH) to Supply Rail vs. Load Current
0
50
100
150
200
250
300
350
400
450
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VSY = ±15V
RL = 2kΩ
RL = 10kΩ
RL = 100kΩ
Figure 20. Output Voltage (VOL) to Supply Rail vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com