Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADLD8403ACPZ-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # ADLD8403ACPZ-R2
Description  Ultralow Power, Adaptive Linear Power, Dual-Port ADSL/ADSL2 Line Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADLD8403ACPZ-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADLD8403ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADLD8403ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADLD8403ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADLD8403ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADLD8403ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADLD8403ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADLD8403ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADLD8403ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADLD8403ACPZ-R2 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
ADLD8403
Data Sheet
TYPICAL PERFORMANCE CHARACTERISTICS
25
–20
–15
–10
–5
0
5
10
15
20
0.1
1k
100
10
1
FREQUENCY (MHz)
DM VOUT = 0.1V p-p
DM VOUT = 2V p-p
CM
Figure 5. Closed-Loop Gain vs. Frequency, RL = 100 Ω
18
–6
–2
2
6
10
14
0
10
9
8
7
6
5
4
3
2
1
TIME (µs)
VOPA
VONA
VOPB
VONB
VCCP
VEEP
Figure 6. Outputs and Pumps Time Domain Response, Typical ADSL/ADSL2+
Application Circuit, VCC = 12.5 V, POUT = 20.4 dBm, Crest Factor = 5.45
0
–80
–70
–60
–50
–40
–30
–20
–10
0
0.5
1.0
1.5
2.0
2.5
3.0
FREQUENCY (MHz)
Figure 7. Multitone Power Ratio (MTPR), Typical ADSL/ADSL2+ Application
Circuit, VCC = 12.5 V, POUT = 20.4 dBm, Crest Factor = 5.45
700
600
500
400
300
200
100
0
6
8
10
12
14
16
18
20
22
OUTPUT POWER (dBm)
CLASS H (PUMPS ON)
CLASS AB (PUMPS OFF)
Figure 8. Power Dissipation per Channel vs. Output Power; Includes Line
Power
24
–12
–8
–4
0
4
8
12
16
20
0
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
TIME (µs)
VOPx
VONx
VCCP
VEEP
Figure 9. Outputs and Pumps Time Domain Response, Typical ADSL/ADSL2+
Application Circuit, VCC = 12.5 V, POUT = 19.8 dBm, Crest Factor = 6.9
1k
100
1
10k
1k
100
10
FREQUENCY (kHz)
Figure 10. Differential Output Voltage Noise vs. Frequency
Rev. C | Page 6 of 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com