Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADLD8403ACPZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # ADLD8403ACPZ-R2
Description  Ultralow Power, Adaptive Linear Power, Dual-Port ADSL/ADSL2 Line Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADLD8403ACPZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADLD8403ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADLD8403ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADLD8403ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADLD8403ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADLD8403ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADLD8403ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADLD8403ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADLD8403ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADLD8403ACPZ-R2 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Data Sheet
ADLD8403
MULTITONE POWER RATIO (MTPR)
The DMT signal used in ADSL/ADSL2+ systems carries data in
discrete tones or bins, which appear in the frequency domain in
evenly spaced 4.3125 kHz intervals. In applications using this
type of waveform, the MTPR is commonly used to measure ac
linearity. In general, designers are concerned with two types of
MTPR: in-band and out-of-band. In-band MTPR is the
measured difference from the peak of one tone that is loaded
with data to the peak of an adjacent empty tone. Out-of-band
MTPR is the spurious emissions that occur in bands just below
and above the transmit band. For ADSL2+ applications, the
out-of-band MTPR is the receive band between 25.875 kHz and
138 kHz and the region above 2.208 MHz. Figure 13 shows the
out-of-band MTPR for the ADLD8403.
0
–80
–70
–60
–50
–40
–30
–20
–10
0
0.5
1.0
1.5
2.0
2.5
3.0
FREQUENCY (MHz)
Figure 13. Out-of-Band MTPR
LIGHTNING AND AC POWER FAULT
As an ADSL/ADSL2+ line driver, the ADLD8403 is transformer
coupled to the twisted pair telephone line. In this environment,
the ADLD8403 is subject to large line transients resulting from
events such as lightning strikes or downed power lines. Additional
circuitry is required to protect the ADLD8403 from damage due
to these events.
Rev. C | Page 9 of 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com