Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADLD8403ACPZ-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # ADLD8403ACPZ-R2
Description  Ultralow Power, Adaptive Linear Power, Dual-Port ADSL/ADSL2 Line Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADLD8403ACPZ-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADLD8403ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADLD8403ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADLD8403ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADLD8403ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADLD8403ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADLD8403ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADLD8403ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADLD8403ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADLD8403ACPZ-R2 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Data Sheet
ADLD8403
THEORY OF OPERATION
A Class H DSL line driver achieves power savings by using
internally developed, signal tracking, power supplies. These
tracking power supplies are derived from a single VCC power
supply of 12.5 V nominal. The power savings occur due to
minimum headroom provided by the tracking, or pumped,
supplies to ensure nonsaturation of the output buffer amplifier.
For Class H drivers, the average total power that the amplifier
consumes is lower than that of conventional Class AB amplifier
architectures using a fixed supply.
The ADLD8403 is the second implementation of a patented
amplifier architecture developed by Analog Devices. This new
architecture, known as Adaptive Linear Power (ALP), is optimized
to process signals with occasional peaks that are much greater than
the rms level, such as the discrete multitone (DMT) signals used
in xDSL applications. Figure 11 shows the ADLD8403 block
diagram. Included are two Class AB current feedback (CFB)
amplifiers, along with the ALP unit and standard bias block.
The architecture combines Class AB amplifiers with the ALP to
provide a system that generates internal supplies (VCCP and
VEEP) that move linearly with the input signal. This movement is
achieved by sampling the input signal via the input pins, INPA and
INNA, and applying the appropriate gain to create the variable
supplies at the VCCP and VEEP pins.
The ADLD8403 contains two complete channels of ADSL2+
compliant drivers. Each channel has a power mode signal, or
PD pin (PD_A and PD_B), that enables the output buffer.
Additionally, in applications where less than 14.5 dBm of line
power is required, a third PD_PMP signal is used to disable the
signal tracking, power supplies. This feature reduces power
consumption by approximately 125 mW for these reduced line
powers. Because both channels share the pumped supplies in
the ADLD8403, the PD_PMP pin is used only when both
channels require less than 14.5 dBm of line power.
The ADLD8403 is intended for use in digital subscriber line
access multiplexor (DSLAM) applications. The ADLD8403 a
simple process and allows for ease of upgrading existing DSLAM
systems.
VCC
4kΩ
4kΩ
+
–
VOPA
INPA
VCOM_A
INNA
VONA
AV = 13V/V
CFB
CFB
BIAS
ALP
PD_A
PD_PMP
VCC
CAPP
VCCP
CAPN
VEEP
GND
Figure 11. Block Diagram
Rev. C | Page 7 of 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com