Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV115 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV115
Description  GSM Baseband 30MHz 2.8V Oscillator Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV115 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMV115 Datasheet HTML 1Page - National Semiconductor (TI) LMV115 Datasheet HTML 2Page - National Semiconductor (TI) LMV115 Datasheet HTML 3Page - National Semiconductor (TI) LMV115 Datasheet HTML 4Page - National Semiconductor (TI) LMV115 Datasheet HTML 5Page - National Semiconductor (TI) LMV115 Datasheet HTML 6Page - National Semiconductor (TI) LMV115 Datasheet HTML 7Page - National Semiconductor (TI) LMV115 Datasheet HTML 8Page - National Semiconductor (TI) LMV115 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
2.8V Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 2.8V, V− = 0V, V
CM =V
+/2, shutdown = 0.0V, and R
L =
50k
Ω to V+/2, C
L = 5pF to V
+/2 and C
COUPLING = 1nF.Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 9)
Typ
(Note 8)
Max
(Note 9)
Units
Z
IN
Input Impedance
f = 25MHz; Shutdown = 2.8V
2.38
k
Ω
f = 25MHz; Shutdown = 0V
2.47
V
O
Output Swing Positive
R
L = 50k
Ω to V+/2
1.90
1.65
2.16
V
Output Swing Negative
R
L = 50k
Ω to V+/2
1.05
1.35
1.30
I
O
Linear Output Current
No Load; V
OUT =V
+ − 1.1V
(Sourcing)
−90
−35
−206
µA
No Load; V
OUT =V
− + 1.1V
(Sinking)
100
50
205
I
SC
Output Short-Circuit Current
(Note 5)
No Load; Sourcing to V
+/2
−90
−35
−186
µA
No Load; Sinking from V
+/2
100
50
191
R
ON
Switch in ON Position
21
40
45
Ω
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics.
Note 2: Human Body Model (HBM) is 1.5k
Ω in series with 100pF.
Note 3: Machine Model, 0
Ω in series with 200pF.
Note 4: Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in exceeding the
maximum allowed junction temperature of 150˚C
Note 5: Infinite Duration; Short circuit test is a momentary test. See next note.
Note 6: The maximum power dissipation is a function of TJ(MAX), θJA , and TA. The maximum allowable power dissipation at any ambient temperature is
PD =(TJ(MAX) -TA)/ θJA. All numbers apply for packages soldered directly onto a PC board.
Note 7: Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very limited self-heating of
the device such that TJ =TA . There is no guarantee of parametric performance as indicated in the electrical tables under conditions of internal self-heating where
TJ > TA. See Applications section for information on temperature de-rating of this device.
Note 8: Typical Values represent the most likely parametric norm.
Note 9: All limits are guaranteed by testing or statistical analysis.
Note 10: Positive current corresponds to current flowing into the device.
Note 11: Slew rate is the average of the positive and negative slew rate.
Note 12: Average Temperature Coefficient is determined by dividing the change in a parameter at temperature extremes by the total temperature change.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com