Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV115 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV115
Description  GSM Baseband 30MHz 2.8V Oscillator Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV115 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMV115 Datasheet HTML 1Page - National Semiconductor (TI) LMV115 Datasheet HTML 2Page - National Semiconductor (TI) LMV115 Datasheet HTML 3Page - National Semiconductor (TI) LMV115 Datasheet HTML 4Page - National Semiconductor (TI) LMV115 Datasheet HTML 5Page - National Semiconductor (TI) LMV115 Datasheet HTML 6Page - National Semiconductor (TI) LMV115 Datasheet HTML 7Page - National Semiconductor (TI) LMV115 Datasheet HTML 8Page - National Semiconductor (TI) LMV115 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance
Human Body Model
2000V (Note 2)
Machine Model
150V (Note 3)
Supply Voltage (V
+ –V−)
3.6V
Output Short Circuit to V
+
(Note 4), (Note 5)
Output Short Circuit to V
−
(Note 4), (Note 5)
Storage Temperature Range
−65˚C to +150˚C
Junction Temperature (Note 6)
+150˚C
Mounting Temperature
Infrared or Convection (20 sec.)
235˚C
Operating Ratings (Note 1)
Supply Voltage (V
+ –V−)
2.5V to 3.3V
Temperature Range (Note 6), (Note 7)
−40˚C to +85˚C
Package Thermal Resistance (Note 6), (Note 7)
SC70-6
414˚C/W
2.8V Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 2.8V, V− = 0V, V
CM =V
+/2, shutdown = 0.0V, and R
L =
50k
Ω to V+/2, C
L = 5pF to V
+/2 and C
COUPLING = 1nF.Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 9)
Typ
(Note 8)
Max
(Note 9)
Units
SSBW
Small Signal Bandwidth
V
OUT < 0.5VPP; −3dB
31
MHz
GFN
Gain Flatness < 0.1dB
f > 50kHz
2.8
MHz
FPBW
Full Power Bandwidth (−3dB)
V
OUT = 1.0VPP (+4.5dBm)
9
MHz
Time Domain Response
t
r
Rise Time
0.1V
STEP (10-90%)
11
ns
t
f
Fall Time
11
t
s
Settling Time to 0.1%
0.1V
STEP
95
ns
OS
Overshoot
0.1V
STEP
24
%
SR
Slew Rate
(Note 11)
18
V/µs
Distortion and Noise Performance
HD2
2
nd Harmonic Distortion
V
OUT = 500mVPP; f = 100kHz
−41
dBc
HD3
3
rd Harmonic Distortion
V
OUT = 500mVPP; f = 100kHz
−43
dBc
THD
Total Harmonic Distortion
V
OUT = 500mVPP; f = 100kHz
−38
dBc
e
n
Input-Referred Voltage Noise
f = 1MHz
27
nV/
Isolation
Output to Input
See also Typical Performance
Characteristics
>40
dB
Static DC Performance
A
CL
Small Signal Voltage Gain
V
OUT = 100mVPP
0.90
0.85
0.998
1.10
1.11
V/V
V
OS
Output Offset Voltage
3.5
35
55
mV
TC V
OS
Temperature Coefficient Output
Offset Voltage
(Note 12)
102
µV/˚C
R
OUT
Output Resistance
f = 10kHz
61
Ω
f = 25MHz
330
PSRR
Power Supply Rejection Ratio
V
+ = 2.8V to V+ = 3.3V
41
38
42
dB
I
S
Supply Current
No Load; Shutdown = 2.8V
0.0
2.00
µA
No Load; Shutdown = 0V
314
450
520
Miscellaneous Performance
R
IN
Input Resistance
Shutdown = 2.8V
65
k
Ω
Shutdown = 0V
64
C
IN
Input Capacitance
Shutdown = 2.8V
1.82
pF
Shutdown = 0V
1.50
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com